| Zakładka z wyszukiwarką danych komponentów |
|
AD5624BCPZ-R2 Arkusz danych(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5624BCPZ-R2 Arkusz danych(HTML) 6 Page - Analog Devices |
|
6 / 23 page ![]() AD5624/AD5664 Data Sheet Rev. A | Page 6 of 23 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 5. Parameter Rating VDD to GND −0.3 V to +7 V VOUT to GND −0.3 V to VDD + 0.3 V VREF to GND −0.3 V to VDD + 0.3 V Digital Input Voltage to GND −0.3 V to VDD + 0.3 V Operating Temperature Range Industrial (A Grade, B Grade) −40°C to +105°C Storage Temperature Range −65°C to +150°C Junction Temperature (TJ max) 150°C Power Dissipation (TJ max − TA)/θJA LFCSP_WD Package (4-Layer Board) θJA Thermal Impedance 61°C/W MSOP Package (4-Layer Board) θJA Thermal Impedance 142°C/W θJC Thermal Impedance 43.7°C/W Reflow Soldering Peak Temperature Pb-Free 260°C ± 5°C Stresses at or above those listed under Absolute Maximum Ratings may cause permanent damage to the product. This is a stress rating only; functional operation of the product at these or any other conditions above those indicated in the operational section of this specification is not implied. Operation beyond the maximum operating conditions for extended periods may affect product reliability. ESD CAUTION |