| Zakładka z wyszukiwarką danych komponentów |
|
M45PE10-VMP6G Arkusz danych(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M45PE10-VMP6G Arkusz danych(HTML) 18 Page - STMicroelectronics |
|
18 / 34 page ![]() M45PE10 18/34 Page Erase (PE) The Page Erase (PE) instruction sets to 1 (FFh) all bits inside the chosen page. Before it can be ac- cepted, a Write Enable (WREN) instruction must previously have been executed. After the Write Enable (WREN) instruction has been decoded, the device sets the Write Enable Latch (WEL). The Page Erase (PE) instruction is entered by driving Chip Select (S) Low, followed by the in- struction code, and three address bytes on Serial Data Input (D). Any address inside the Page is a valid address for the Page Erase (PE) instruction. Chip Select (S) must be driven Low for the entire duration of the sequence. The instruction sequence is shown in Figure 15.. Chip Select (S) must be driven High after the eighth bit of the last address byte has been latched in, otherwise the Page Erase (PE) instruction is not executed. As soon as Chip Select (S) is driven High, the self-timed Page Erase cycle (whose du- ration is tPE) is initiated. While the Page Erase cy- cle is in progress, the Status Register may be read to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Page Erase cycle, and is 0 when it is completed. At some unspecified time before the cycle is complete, the Write Enable Latch (WEL) bit is reset. A Page Erase (PE) instruction applied to a page that is Hardware Protected is not executed. Any Page Erase (PE) instruction, while an Erase, Program or Write cycle is in progress, is rejected without having any effects on the cycle that is in progress. Figure 15. Page Erase (PE) Instruction Sequence Note: Address bits A23 to A17 are Don’t Care. 24 Bit Address C D AI04046 S 2 1 3456789 29 30 31 Instruction 0 23 22 2 0 1 MSB |