| Zakładka z wyszukiwarką danych komponentów |
|
AX88875AP Arkusz danych(PDF) 3 Page - ASIX Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AX88875AP Arkusz danych(HTML) 3 Page - ASIX Electronics Corporation |
|
3 / 23 page ![]() AX88875AP Bripeater ASIX ELECTRONICS CORPORATION 3 1.0 AX88875A Overview The AX88875A 10/100Mbps Dual Speed “Bripeater” Controller is “a dual speed repeater with build in bridge function” It is design for low cost dumb HUB application. The AX88875A directly supports up-to five 10/100Mbps automatic links MII interfaces specially for SOHO market. The AX88875A is designed base on IEEE 802.3u clause 27 “ Repeater for 100Mb/s base-band networks” It is fully compatible with IEEE 802.3u standard. 1.1 General Description The AX88875A Repeater Controller is a subset of a repeater set containing all the repeater-specific components and functions, exclusive of PHY components and functions. The AX88875A has five Media Independent Interfaces (MII) to connect to PHY or MAC devices. The AX88875A supports 5 MII interfaces ports, a bridge packet buffer SRAM interface and LED display interface. AX88875A without support expansion port to cascade to other AX88850 and AX88860 pure 100Mbps repeater chips.. The AX88875A supports stand along 10/100Mbps dual speed repeater applications with two LED display mode. The AX88871A has two LED display mode. Mode 0 Direct LED display mode. Mode 1 Rich LED display mode. |