Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM339 Arkusz danych(PDF) 4 Page - Unisonic Technologies

Numer części LM339
Szczegółowy opis  QUAD DIFFERENTIAL COMPARATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM339 Arkusz danych(HTML) 4 Page - Unisonic Technologies

  LM339 Datasheet HTML 1Page - Unisonic Technologies LM339 Datasheet HTML 2Page - Unisonic Technologies LM339 Datasheet HTML 3Page - Unisonic Technologies LM339 Datasheet HTML 4Page - Unisonic Technologies LM339 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LM339
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
4 of 5
www.unisonic.com.tw
QW-R104-001.K
T Y PI CAL
CH ARACT ERI ST I CS
0
5
10
15
20
25
30
35
40
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
TA=-25°C
TA=-40°C
TA=25°C
TA=70°C
RL=∞
Fig.1 Supply Current
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
10
20
30
40
50
60
70
80
90
100
110
TA=-25°C
TA=-40°C
TA=25°C
TA=70°C
VCM=0VDC
RCM=1GΩ
Fig.2 Input Current
Supply Current (V)
Time (
μs)
0
0.4
0.8
1.2
1.6
0
2.0
4.0
6.0
-100
0
Fig.4 Reponse Time For Various Input Overdrive
Negative Transition
TA=25°C
Input Overdrive
20mV
5.0mV
10
-3
1
10
10
2
10
-2
10
-2
-1
10
-1
10
1
10
1
1
Fig.3 Output Saturation Voltage
Output Sink Current (mA)
TA=85°C
TA=25°C
TA=-40°C
0
0.4
0.8
1.2
1.6
Time (
μs)
0
2.0
4.0
6.0
0
100
50mV
20mV
5.0mV
Input Overdrive
TA=25°C
Fig.5 Reponse Time For Various Input Overdrive
Positive Transition
50mV



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com