| Zakładka z wyszukiwarką danych komponentów |
|
SSM2517CBZ-R7 Arkusz danych(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
SSM2517CBZ-R7 Arkusz danych(HTML) 14 Page - Analog Devices |
|
14 / 16 page ![]() SSM2517 Data Sheet Rev. B | Page 14 of 16 PDM PATTERN CONTROL The SSM2517 has a simple control mechanism that can set the part for low power states and control functionality. This is accomplished by sending a repeating 8-bit pattern to the device. Different patterns set different functionality (see Table 8). Any pattern must be repeated a minimum of 128 times. The part is automatically muted when a pattern is detected so that a pattern can be set while the part is operational without a pop/click due to pattern transition. All functionality set via patterns returns to its default value after a clock-loss power-down. Table 8. PDM Watermarking Pattern Control Descriptions Pattern Control Description 0xAC Power-down. All blocks off except for PDM interface. Normal start-up time. 0xD8 Gain optimized for PVDD = 5 V operation. Overrides GAIN_FS pin setting. 0xD4 Gain optimized for PVDD = 3.6 V operation. Overrides GAIN_FS pin setting. 0xD2 Gain optimized for PVDD = 2.5 V operation. Overrides GAIN_FS pin setting. 0xD1 fS set to opposite value determined by GAIN_FS pin. 0xE1 Ultralow EMI mode. 0xE2 Half clock cycle pulse mode for power savings. 0xE4 Special 32 kHz/128 × fS operation mode. EMI NOISE The SSM2517 uses a proprietary modulation and spread- spectrum technology to minimize EMI emissions from the device. For applications that have difficulty passing FCC Class-B emission tests, the SSM2517 includes a modulation select mode (ultralow EMI emissions mode) that significantly reduces the radiated emissions at the Class-D outputs, particu- larly above 100 MHz. This mode is enabled by activating PDM Watermarking Pattern 0xE1 (see Table 8). OUTPUT MODULATION DESCRIPTION The SSM2517 uses three-level, Σ-Δ output modulation. Each output can swing from PGND to PVDD and vice versa. Ideally, when no input signal is present, the output differential voltage is 0 V because there is no need to generate a pulse. In a real-world situation, noise sources are always present. Due to this constant presence of noise, a differential pulse is generated, when required, in response to this stimulus. A small amount of current flows into the inductive load when the differ- ential pulse is generated. Most of the time, however, the output differential voltage is 0 V, due to the Analog Devices, Inc., three-level, Σ-Δ output modula- tion. This feature ensures that the current flowing through the inductive load is small. When the user wants to send an input signal, an output pulse (OUT+ and OUT−) is generated to follow the input voltage. The differential pulse density (VOUT) is increased by raising the input signal level. Figure 30 depicts three-level, Σ-Δ output modulation with and without input stimulus. OUTPUT > 0V +5V 0V OUT+ +5V 0V OUT– +5V 0V VOUT OUTPUT < 0V +5V 0V OUT+ +5V 0V OUT– 0V –5V VOUT OUTPUT = 0V OUT+ +5V 0V +5V 0V OUT– +5V –5V 0V VOUT Figure 30. Three-Level, Σ-Δ Output Modulation With and Without Input Stimulus |