| Zakładka z wyszukiwarką danych komponentów |
|
DAC08CSZ Arkusz danych(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DAC08CSZ Arkusz danych(HTML) 17 Page - Analog Devices |
|
17 / 21 page ![]() Data Sheet DAC08 Rev. D | Page 17 of 21 ANALOG DEVICES, INC., CURRENT OUTPUT DACs Table 4 lists the latest DACs available from Analog Devices. Table 5. Model Bits Outputs Interface Package Comments AD5425 8 1 SPI, 8-bit load MSOP-10 Fast 8-bit load; see also AD5426 AD5426 8 1 SPI MSOP-10 See also AD5425 fast load AD5450 8 1 SPI SOT23-8 See also AD5425 fast load AD5424 8 1 Parallel TSSOP-16 AD5429 8 2 SPI TSSOP-16 AD5428 8 2 Parallel TSSOP-20 AD5432 10 1 SPI MSOP-10 AD5451 10 1 SPI SOT23-8 AD5433 10 1 Parallel TSSOP-20 AD5439 10 2 SPI TSSOP-16 AD5440 10 2 Parallel TSSOP-24 AD5443 12 1 SPI MSOP-10 See also AD5452 and AD5444 AD5452 12 1 SPI SOT23-8 Higher accuracy version of AD5443; see also AD5444 AD5445 12 1 Parallel TSSOP-20 AD5444 12 1 SPI MSOP-10 Higher accuracy version of AD5443; see also AD5452 AD5449 12 2 SPI TSSOP-16 AD5415 12 2 SPI TSSOP-24 Uncommitted resistors AD5447 12 2 Parallel TSSOP-24 AD5405 12 2 Parallel LFCSP-40 Uncommitted resistors AD5453 14 1 SPI SOT23-8 AD5553 14 1 SPI MSOP-8 AD5556 14 1 Parallel TSSOP-28 AD5446 14 1 SPI MSOP-10 MSOP version of AD5453; compatible with AD5443, AD5432, and AD5426 AD5555 14 2 SPI TSSOP-16 AD5557 14 2 Parallel TSSOP-38 AD5543 16 1 SPI MSOP-8 AD5546 16 1 Parallel TSSOP-28 AD5545 16 2 SPI TSSOP-16 AD5547 16 2 Parallel TSSOP-38 |