Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

C14515 Arkusz danych(PDF) 1 Page - Ledil, Inc.

Numer części C14515
Szczegółowy opis  Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class requirements where road width is equal to or less the pole height
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEDIL [Ledil, Inc.]
Strona internetowa  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14515 Arkusz danych(HTML) 1 Page - Ledil, Inc.

  C14515 Datasheet HTML 1Page - Ledil, Inc. C14515 Datasheet HTML 2Page - Ledil, Inc. C14515 Datasheet HTML 3Page - Ledil, Inc. C14515 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C14515_STRADA-2X2-ME-PC
STRADA-2X2-ME-PC
Beam with excellent longitudinal luminance
uniformity
fulfilling
EN13201
M-class
requirements where road width is equal to or
less the pole height. Variant made from PC.
TECHNICAL SPECIFICATIONS:
Dimensions
50.0 mm
Height
8.2 mm
Fastening
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
7.9 kg
Quantity in Box
800 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-2X2-ME-PC
Multi-lens
PC
clear
Last update: 19/12/2018
Subject to change without prior notice
Published: 19/12/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Podobny numer części - C14515

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
C14517 LEDIL-C14517 Datasheet
1Mb / 4P
Universal road lighting beam
C14519 LEDIL-C14519 Datasheet
1Mb / 3P
Grey glare lowering shade for FLORENCE-1R-Z90 and FLORENCE-1R-Z60 optics
More results

Podobny opis - C14515

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
C16134 LEDIL-C16134 Datasheet
2Mb / 6P
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class requirements where road width is equal to or less the pole height
CA15150 LEDIL-CA15150 Datasheet
5Mb / 5P
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class requirements where road width is equal to or less than the pole height. Assembly with installation tape.
C13996 LEDIL-C13996 Datasheet
1Mb / 4P
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class
C16226 LEDIL-C16226 Datasheet
4Mb / 7P
Fulfils EN13201 M-class requirements where road width is equal to or less the pole height.
C16958 LEDIL-C16958 Datasheet
4Mb / 5P
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class requirements where road width is equal to or less than the pole height.
C14164 LEDIL-C14164 Datasheet
4Mb / 18P
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class
C16926 LEDIL-C16926 Datasheet
3Mb / 12P
Excellent longitudinal luminance uniformity EN13201 M-class
CA14026 LEDIL-CA14026 Datasheet
1Mb / 8P
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class
CS14144 LEDIL-CS14144 Datasheet
5Mb / 17P
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class
C17222 LEDIL-C17222 Datasheet
2Mb / 5P
Excellent longitudinal luminance uniformity for EN13201 M-class
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com