Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSM514260C Arkusz danych(PDF) 7 Page - OKI electronic componets

Numer części MSM514260C
Szczegółowy opis  262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OKI [OKI electronic componets]
Strona internetowa  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514260C Arkusz danych(HTML) 7 Page - OKI electronic componets

Back Button MSM514260C Datasheet HTML 3Page - OKI electronic componets MSM514260C Datasheet HTML 4Page - OKI electronic componets MSM514260C Datasheet HTML 5Page - OKI electronic componets MSM514260C Datasheet HTML 6Page - OKI electronic componets MSM514260C Datasheet HTML 7Page - OKI electronic componets MSM514260C Datasheet HTML 8Page - OKI electronic componets MSM514260C Datasheet HTML 9Page - OKI electronic componets MSM514260C Datasheet HTML 10Page - OKI electronic componets MSM514260C Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7/16
¡ Semiconductor
MSM514260C/CSL
AC Characteristics (2/2)
Write Command Pulse Width
Write Command to CAS Lead Time
Write Command to RAS Lead Time
Data-in Set-up Time
Data-in Hold Time from RAS
CAS to WE Delay Time
RAS to WE Delay Time
Column Address to WE Delay Time
RAS to CAS Hold Time (CAS before RAS)
CAS Active Delay Time from RAS Precharge
Data-in Hold Time
Write Command Hold Time
Write Command Hold Time from RAS
OE Command Hold Time
OE to Data-in Delay Time
RAS Pulse Width
(CAS before RAS Self-Refresh)
RAS Precharge Time
(CAS before RAS Self-Refresh)
CAS Hold Time
(CAS before RAS Self-Refresh)
Write Command Set-up Time
tWP
tCWL
tRWL
tDS
tDHR
tCWD
tRWD
tAWD
tCHR
tRPC
tDH
tWCH
tWCR
tOEH
tOED
tRASS
tRPS
tCHS
tWCS
RAS to CAS Set-up Time (CAS before RAS)tCSR
CAS Precharge WE Delay Time
tCPWD
MSM514260
C/CSL-60
MSM514260
C/CSL-70
MSM514260
C/CSL-50
(VCC = 5 V ±10%, Ta = 0°C to 70°C) Note 1, 2, 3
Parameter
Symbol
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ms
ns
ns
ns
Unit Note
13
10, 11
9
9
9
11
12
11
10, 11
11
15
15
15
9, 11
9
Min.
10
15
15
0
40
35
70
45
10
15
10
10
10
40
15
15
100
90
–30
0
50
ns
Min.
15
20
20
0
55
45
95
60
10
15
10
15
15
50
20
15
100
130
–50
0
65
Min.
15
15
15
0
50
35
80
50
10
20
10
10
15
45
15
15
100
110
–40
0
55
Max.
Max.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com