Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM2404INA Arkusz danych(PDF) 12 Page - Anachip Corp

Numer części AM2404INA
Szczegółowy opis  2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANACHIP [Anachip Corp]
Strona internetowa  
Logo ANACHIP - Anachip Corp

AM2404INA Arkusz danych(HTML) 12 Page - Anachip Corp

Back Button AM2404INA Datasheet HTML 4Page - Anachip Corp AM2404INA Datasheet HTML 5Page - Anachip Corp AM2404INA Datasheet HTML 6Page - Anachip Corp AM2404INA Datasheet HTML 7Page - Anachip Corp AM2404INA Datasheet HTML 8Page - Anachip Corp AM2404INA Datasheet HTML 9Page - Anachip Corp AM2404INA Datasheet HTML 10Page - Anachip Corp AM2404INA Datasheet HTML 11Page - Anachip Corp AM2404INA Datasheet HTML 12Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
AM24LC04
Anachip Corp.
www.anachip.com.tw
Rev. A2 Oct 20, 2003
12/12
ATC
Marking Information
(1) PDIP /SOP
ATC
24LC04 X
Part Number & grade
Logo
ID code: internal
Year:
Top view
"02" = 2002
"01" = 2001
XX XX X
Nth week: 01~52
)
C
125
~
40
(
V
~
40
(
I
)
C
70
~
0
(
Blank
X
o
o
+
-
=
+
-
=
+
=
)
C
85o
PDIP/SOP
(2) TSSOP-8L
ATC
24LC04 X
Part Number & Temp.grade
Logo
ID code: internal
Year:
Top view
"02" = 2002
"01" = 2001
XX XX X
Nth week: 01~52
)
C
125
~
40
(
V
~
40
(
I
)
C
70
~
0
(
Blank
X
o
o
+
-
=
+
-
=
+
=
)
C
85o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com