Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HT12G-K Arkusz danych(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Numer części HT12G-K
Szczegółowy opis  1A, 50V - 1000V Glass Passivated High Efficient Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HT12G-K Arkusz danych(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  HT12G-K Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HT12G-K Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HT12G-K Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HT12G-K Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd HT12G-K Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd HT12G-K Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd HT12G-K Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HT11G-K - HT18G-K
Taiwan Semiconductor
2
Version:B1705
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-ambient thermal resistance
RӨJA
95
°C/W
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
TYP
MAX
UNIT
Forward voltage per diode
(1)
HT11G-K
HT12G-K
HT13G-K
HT14G-K
IF = 1A,TJ = 25°C
VF
-
1.0
V
HT15G-K
-
1.30
V
HT16G-K
HT17G-K
HT18G-K
-
1.70
V
Reverse current @ rated VR per diode
(2)
TJ = 25°C
IR
-
5
µA
TJ = 125°C
-
150
µA
Junction capacitance
HT11G-K
HT12G-K
HT13G-K
HT14G-K
HT15G-K
1 MHz, VR=4.0V
CJ
15
-
pF
HT16G-K
HT17G-K
HT18G-K
10
-
pF
Reverse recovery time
HT11G-K
HT12G-K
HT13G-K
HT14G-K
HT15G-K
IF=0.5A , IR=1.0A
IRR=0.25A
trr
-
50
ns
HT16G-K
HT17G-K
HT18G-K
-
75
ns
Notes:
1. Pulse test with PW=0.3 ms
2. Pulse test with PW=30 ms



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com