Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLC3020B-YDWW1 Arkusz danych(PDF) 1 Page - P-tec Corporation

Numer części PLC3020B-YDWW1
Szczegółowy opis  Compatible lead-free reflow solderingprocess
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  P-TEC [P-tec Corporation]
Strona internetowa  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PLC3020B-YDWW1 Arkusz danych(HTML) 1 Page - P-tec Corporation

  PLC3020B-YDWW1 Datasheet HTML 1Page - P-tec Corporation PLC3020B-YDWW1 Datasheet HTML 2Page - P-tec Corporation PLC3020B-YDWW1 Datasheet HTML 3Page - P-tec Corporation PLC3020B-YDWW1 Datasheet HTML 4Page - P-tec Corporation PLC3020B-YDWW1 Datasheet HTML 5Page - P-tec Corporation PLC3020B-YDWW1 Datasheet HTML 6Page - P-tec Corporation PLC3020B-YDWW1 Datasheet HTML 7Page - P-tec Corporation PLC3020B-YDWW1 Datasheet HTML 8Page - P-tec Corporation PLC3020B-YDWW1 Datasheet HTML 9Page - P-tec Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.p-tec.net
061918 Rev0 MS
Page 1 of 15
PRODUCT SPECIFICATION
Part Number
PLC3020B-YDWW1
Details
• Single Color Surface Mount LED
• PLCC-2 3.0 x 2.0 x 0.8mm
• 4,000 piece reels
• Emitting Color: Warm White
• InGaN chip material
Features
• Wide viewing angle 120°
• JEDEC MSL 2a
• Compatible lead-free reflow soldering
process
RoHS Compliant
Mechanical Dimensions
Notes:
1. Specifications subject to change without notice
2. Tolerance of measurement of dimensions: ±0.2mm
2
1,4
2,08
1,4
1,4
Recommended Pad Pattern


Podobny numer części - PLC3020B-YDWW1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
P-tec Corporation
PLC3020B-YDWW2 P-TEC-PLC3020B-YDWW2 Datasheet
2Mb / 15P
Compatible lead-free reflow solderingprocess
PLC3020B-YDWW3 P-TEC-PLC3020B-YDWW3 Datasheet
2Mb / 15P
Compatible lead-free reflow solderingprocess
More results

Podobny opis - PLC3020B-YDWW1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
P-tec Corporation
PLC3020A-YDNW3 P-TEC-PLC3020A-YDNW3 Datasheet
2Mb / 16P
Compatible lead-free reflow solderingprocess
PLC3020A-YDPW1 P-TEC-PLC3020A-YDPW1 Datasheet
2Mb / 17P
Compatible lead-free reflow solderingprocess
PLC3020A-YDPW3 P-TEC-PLC3020A-YDPW3 Datasheet
1Mb / 17P
Compatible lead-free reflow solderingprocess
PLC3020A-YDWW1 P-TEC-PLC3020A-YDWW1 Datasheet
1Mb / 17P
Compatible lead-free reflow solderingprocess
PLC3020A-YDWW3 P-TEC-PLC3020A-YDWW3 Datasheet
2Mb / 17P
Compatible lead-free reflow solderingprocess
PLC3020B-YDNW1 P-TEC-PLC3020B-YDNW1 Datasheet
2Mb / 15P
Compatible lead-free reflow solderingprocess
PLC3020B-YDPW1 P-TEC-PLC3020B-YDPW1 Datasheet
3Mb / 15P
Compatible lead-free reflow solderingprocess
PLC3020B-YDPW3 P-TEC-PLC3020B-YDPW3 Datasheet
2Mb / 15P
Compatible lead-free reflow solderingprocess
PLC3020B-YDWW3 P-TEC-PLC3020B-YDWW3 Datasheet
2Mb / 15P
Compatible lead-free reflow solderingprocess
PLC3528-WCR08 P-TEC-PLC3528-WCR08 Datasheet
4Mb / 14P
Compatible lead-free reflow solderingprocess
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com