Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MA05774 Arkusz danych(PDF) 1 Page - Golledge Electronics Ltd

Numer części MA05774
Szczegółowy opis  SAW Resonator 433.920 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GOLLEDGE [Golledge Electronics Ltd]
Strona internetowa  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA05774 Arkusz danych(HTML) 1 Page - Golledge Electronics Ltd

  MA05774 Datasheet HTML 1Page - Golledge Electronics Ltd MA05774 Datasheet HTML 2Page - Golledge Electronics Ltd MA05774 Datasheet HTML 3Page - Golledge Electronics Ltd MA05774 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Resonator 433.920 MHz
Model: TC0219A
Part No: MA05774
Rev No: 5
TC0219A v5
1
A. FEATURES:
1. One - Port Resonator
B. MAXIMUM RATING:
1. Input Power Level: 0dBm
2. DC voltage: 12V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Reference Temperature TA = 25°C
Characteristic
Units
Min.
Typ.
Max.
Center frequency Fc
MHz
433.845
433.920
433.995
Insertion Loss IL
dB
-
1.58
2.2
Unload quality factor QU
6000
11000
-
Ageing of fc
ppm/yr
-
-
±10
Motional capacitance C1
fF
-
1.5
-
Motional inductance L1
μH
-
89.79
-
Motional resistance R1
Ohm
-
22.25
-
Parallel capacitance Co
pF
-
2.95
-
Frequency Temperature coefficient (TCf)
ppm/c*2
-
0.032
-
Turnover To
deg. C
10
25
40
Package size
SMD 3 X 3 X 1.1mm
Temperature dependence of fc: fc (TA) = fc (TO) (1+TCf (TA-TO)
2)


Podobny numer części - MA05774

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Golledge Electronics Lt...
MA05701 GOLLEDGE-MA05701 Datasheet
256Kb / 4P
374.0 MHz SAW Filter
MA05709 GOLLEDGE-MA05709 Datasheet
147Kb / 5P
465.0MHz SAW Filter
MA05722 GOLLEDGE-MA05722 Datasheet
160Kb / 5P
SAW Filter 881.50MHz
MA05730 GOLLEDGE-MA05730 Datasheet
147Kb / 5P
SAW Filter 1120MHz
MA05751 GOLLEDGE-MA05751 Datasheet
216Kb / 6P
2122.50MHz SAW Filter
More results

Podobny opis - MA05774

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TC0201A TAI-SAW-TC0201A Datasheet
313Kb / 4P
SAW Resonator 433.920 MHz SMD 5X5 mm
TC0217A TAI-SAW-TC0217A Datasheet
337Kb / 4P
SAW Resonator 433.920 MHz SMD 5X5 mm
TC433E2-A TAI-SAW-TC433E2-A Datasheet
230Kb / 3P
SAW Resonator 433.920 MHz TO-39
TC433E2B TAI-SAW-TC433E2B Datasheet
228Kb / 3P
SAW Resonator 433.920 MHz TO-39
TC433ED_A TAI-SAW-TC433ED_A Datasheet
330Kb / 4P
SAW Resonator 433.920 MHz SMD 5X5 mm
logo
Murata Manufacturing Co...
RO2044 MURATA-RO2044 Datasheet
145Kb / 2P
318.00 MHz SAW Resonator
RO2100 MURATA-RO2100 Datasheet
161Kb / 2P
295.05 MHz SAW Resonator
RO3073A MURATA-RO3073A Datasheet
392Kb / 2P
315.0 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0435A TAI-SAW-TC0435A Datasheet
296Kb / 4P
SAW Resonator 433.920 MHz
logo
Golledge Electronics Lt...
MA05557 GOLLEDGE-MA05557 Datasheet
79Kb / 4P
433.920 MHz SAW Resonator
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com