Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAS6512BA1WAB05 Arkusz danych(PDF) 13 Page - Micro Analog systems

Numer części MAS6512BA1WAB05
Szczegółowy opis  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAS [Micro Analog systems]
Strona internetowa  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6512BA1WAB05 Arkusz danych(HTML) 13 Page - Micro Analog systems

Back Button MAS6512BA1WAB05 Datasheet HTML 9Page - Micro Analog systems MAS6512BA1WAB05 Datasheet HTML 10Page - Micro Analog systems MAS6512BA1WAB05 Datasheet HTML 11Page - Micro Analog systems MAS6512BA1WAB05 Datasheet HTML 12Page - Micro Analog systems MAS6512BA1WAB05 Datasheet HTML 13Page - Micro Analog systems MAS6512BA1WAB05 Datasheet HTML 14Page - Micro Analog systems MAS6512BA1WAB05 Datasheet HTML 15Page - Micro Analog systems MAS6512BA1WAB05 Datasheet HTML 16Page - Micro Analog systems MAS6512BA1WAB05 Datasheet HTML 17Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
DA6512.003
2 December, 2016
13 (32)
CS AND CR CAPACITOR MATRIX REGISTERS (E3/63HEX AND E4/64HEX)
There are two internal capacitor matrices that add
capacitance in parallel to the sensor capacitor (CS)
and the reference capacitor (CR). These offset
capacitances are used to adjust the sensor signal to
an optimal range. Each capacitor matrix has a
selectable capacitance from 0pF up to 22pF in
typical 86fF steps. The three sigma process
variation of the capacitor matrix capacitance is
±10%.The CS capacitor matrix register (E3/63HEX)
has a corresponding EEPROM byte (C3/43HEX) for
storing the trim value. Also the CR capacitor matrix
register (E4/64HEX) has corresponding EEPROM
byte (C4/44HEX) for storing the trim value. After
finding suitable CS and CR capacitor matrix register
values the trim values can be stored in the
corresponding non-volatile EEPROM addresses.
In normal operating mode these trim values are
automatically read from the EEPROM during each
conversion start. See also table 10 Trimming control
Register (ED/6DHEX) for other operating modes.
Table 4. CS capacitor matrix register (E3/63HEX), EEPROM (C3/43HEX)
Bit Number
Bit Name
Description
Value
Function
7-0
OCDACS
CDAC control bits
0HEX…FFHEX
CS offset trimming
Table 5. CR capacitor matrix register (E4/64HEX), EEPROM (C4/44HEX)
Bit Number
Bit Name
Description
Value
Function
7-0
OCDACR
CDAC control bits
0HEX…FFHEX
CR offset trimming
GAIN REGISTER (E5/65HEX)
The gain register sets the excitation signal level for
the capacitive sensor. The eight bits (GRDAC) can
be programmed to values between 0 and 255.
Together with the CS and the CR capacitor matrix
trim parameters it’s used to adjust the sensor signal
to an optimal range. The goal is to get a maximum
dynamic range and keep the signal within linear
input range of the
-modulator. This condition is
met when the signal minimum and maximum
covers the whole linear input range.
The output of MAS6512 has the following
relationship to the ΔΣ-modulator output:
CODEFS
Q
CODE
AVE
QAVE is the average measurement result (from the
over sampling) of the ΔΣ-modulator and varies from
0 to 1. The CODEFS is the maximum output code
which depends on OSR. See page 5 Full output
code
range
specification
in
the
Electrical
characteristics table. The linear signal range of the
modulator is from QAVE=10% to QAVE =90%.
In case of capacitance difference measurement
mode;
R
S
REF
R
S
AVE
V
V
C
C
C
Q
2
2
1
In this mode the gain register value GRDAC sets
the VS level.
VS= (VDD/1.8V)*(33mV+GRDAC*2.88mV)
VR = (VDD/1.8V)*144mV
CS = External sensor + CS matrix capacitance
CR = External reference + CR capacitance
CREF = 6pF, three sigma variation ±10%
In case of capacitance ratio measurement mode;
S
R
S
R
AVE
V
V
C
C
Q


 1
In this mode the gain register value GRDAC sets
the VS level.
VS = (VDD/1.8V)*GRDAC*0.52mV
VR= (VDD/1.8V)*100.8mV
CS = External sensor + CS matrix capacitance
CR = External reference + CR capacitance
The gain register (E5/65HEX) has a corresponding
EEPROM byte (C5/45HEX). After finding a suitable
gain register value it can be stored in the EEPROM
memory. In normal operating mode the gain trim
value is read automatically from the EEPROM
during each conversion start.
Table 6. Gain register (E5/65HEX), EEPROM (C5/45HEX)
Bit Number
Bit Name
Description
Value
Function
7-0
GRDAC
RDAC control bits
0HEX…FFHEX
Gain control by sensor excitation signal
level control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32