| Zakładka z wyszukiwarką danych komponentów |
|
MAS6250 Arkusz danych(PDF) 23 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS6250 Arkusz danych(HTML) 23 Page - Micro Analog systems |
|
23 / 24 page ![]() DA6250.007 13 April, 2018 23 (24) QFN-16 3X3x0.75 PCB LAND PATTERN Notes • I/O lands should be 0.2mm longer than QFN pads and extend the same 0.2mm outside package outline • exposed pad land size should be the same as QFN exposed pad size • solder resist opening should be 120 m…150m larger than the land size resulting in 60m…75m clearance between copper land and solder resist |