| Zakładka z wyszukiwarką danych komponentów |
|
HZ5BLL Arkusz danych(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HZ5BLL Arkusz danych(HTML) 1 Page - Renesas Technology Corp |
|
1 / 5 page ![]() Rev.2.00, Mar.11.2004, page 1 of 4 HZ-LL Series Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise REJ03G0183-0200Z (Previous: ADE-208-119A) Rev.2.00 Mar.11.2004 Features • Vz-Iz characteristics are semi logarithmic linear from I Z = 1nA to 1mA and have sharper breakdown knees in a low current region, and also lower VZ temperature coefficients. • Low dynamic impedance and low noise in the low current region (approximately 1/10 lower than the current zeners). Ordering Information Type No. Mark Package Code HZ-LL Series Type No. DO-35 Pin Arrangement 1. Cathode 2. Anode 2 A Cathode band Type No. 1 2 Body color is Verdure |
Podobny numer części - HZ5BLL |
|
Podobny opis - HZ5BLL |