Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSM6411A Arkusz danych(PDF) 4 Page - OKI electronic componets

Numer części MSM6411A
Szczegółowy opis  High speed and Simple 4-Bit Microcontroller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OKI [OKI electronic componets]
Strona internetowa  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6411A Arkusz danych(HTML) 4 Page - OKI electronic componets

  MSM6411A Datasheet HTML 1Page - OKI electronic componets MSM6411A Datasheet HTML 2Page - OKI electronic componets MSM6411A Datasheet HTML 3Page - OKI electronic componets MSM6411A Datasheet HTML 4Page - OKI electronic componets MSM6411A Datasheet HTML 5Page - OKI electronic componets MSM6411A Datasheet HTML 6Page - OKI electronic componets MSM6411A Datasheet HTML 7Page - OKI electronic componets MSM6411A Datasheet HTML 8Page - OKI electronic componets MSM6411A Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4/11
MSM6411A
¡ Semiconductor
INSTRUCTION LIST
Mnemonic
Byte
Description
Code
Cycle
LAI n
1
A¨n
90-9F
1
LLI n
1
L¨n
80-8F
1
LHLI nn
2
HL¨nn
15nn
2
LAL
1
A¨L
21
1
LLA
1
L¨A
2D
1
LAM
1
A¨M
38
1
LMA
1
M¨A
2F
1
LAMD mm
2
A¨Md
10mm
2
LMAD mm
2
Md¨A
11mm
2
LMSR
2
M(w)¨SR
3E5A
2
LSRM
2
SR¨M(w)
3E52
2
PUSH
1
ST¨C, A, H, L, SP¨SP – 1
1C
3
POP
1
C, A, H, L¨ST, SP¨SP + 1
1D
3
X1
A¨M
28
1
ADS
1
A¨A + M, SKIP IF Cy = "1"
02
1
ADC
1
C, A¨C + A + M
03
1
AIS n
2
A¨A + n, SKIP IF Cy = "1"
3E4n
2
DAS
1
A¨A + 10
0A
1
AND
1
A¨A M
0D
1
EOR
1
A¨A M
04
1
CMA
1
A¨A
0B
1
CAM
1
SKIP IF A = M
16
1
SC
1
C¨"1"
07
1
RC
1
C¨"0"
08
1
TC
1
SKIP IF C = "1"
09
1
RAL
1
0E
1
C¨3¨2¨1¨0¨
INL
1
L¨L + 1, SKIP IF L = "0"
31
1
INH
1
H¨H + 1, SKIP IF H = "0"
32
1
INM
1
M¨M + 1, SKIP IF M = "0"
33
1
A
INMD mm
2
Md¨Md – 1, SKIP IF Md = "0"
12mm
2
DCL
1
L¨L – 1, SKIP IF L = "F"
35
1
DCH
1
H¨H – 1
36
1
DCM
1
M¨M – 1, SKIP IF M = "F"
37
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com