| Zakładka z wyszukiwarką danych komponentów |
|
U74HC164G-P14-R Arkusz danych(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74HC164G-P14-R Arkusz danych(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD U74HC164 CMOS IC www.unisonic.com.tw 1 of 5 Copyright © 2018 Unisonic Technologies Co., Ltd QW-R502-309.D 8-BIT SERIAL-IN AND PARALLEL-OUT SHIFT REGISTER DESCRIPTION The U74HC164 is an 8-bit edge-triggered shift registers with serial input and parallel output. A LOW-to-HIGH transition on the CP will shifts the data one place to the right which is the logical AND of DSA and DSB. A Low level on the MR will clear the registers asynchronously and force the outputs LOW. FEATURES * Operation Voltage Range: 2~6V * Asynchronous Reset Input * Specified from -40~ +125°С SOP-14 DIP-14 TSSOP-14 ORDERING INFORMATION Ordering Number Lead Free Halogen Free Package Packing U74HC164L-D14-T U74HC164G-D14-T DIP-14 Tube U74HC164L-S14-R U74HC164G-S14-R SOP-14 Tape Reel U74HC164L-P14-R U74HC164G-P14-R TSSOP-14 Tape Reel MARKING DIP-14 SOP-14 / TSSOP-14 |
Podobny numer części - U74HC164G-P14-R |
|
Podobny opis - U74HC164G-P14-R |