| Zakładka z wyszukiwarką danych komponentów |
|
EPCQ32 Arkusz danych(PDF) 41 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
EPCQ32 Arkusz danych(HTML) 41 Page - Intel Corporation |
|
41 / 48 page ![]() Symbol Parameter Min Typical Max Unit DCLK high time for EPCQ512/A 3.375 — — ns tCL(19) DCLK low time for all devices except EPCQ512/A 4 — — ns DCLK low time for EPCQ512/A 3.375 — — ns tNCSSU Chip select (nCS) setup time for all devices except EPCQ512/A 4 — — ns DCLK low time for EPCQ512/A 3.375 — — ns tNCSH Chip select (nCS) hold time for all devices except EPCQ512/A 4 — — ns Chip select (nCS) hold time for EPCQ512/A 3.375 — — ns tDSU DATA[] in setup time before the rising edge on DCLK for all devices except EPCQ512/A 2 — — ns DATA[] in setup time before the rising edge on DCLK for EPCQ512/A 1.75 — — ns tDH DATA[] hold time after the rising edge on DCLK for all devices except EPCQ512/A 3 — — ns DATA[] hold time after the rising edge on DCLK for EPCQ512/A 2.5 — — ns tCSH Chip select (nCS) high time 50 — — ns tWB(20) Write bytes cycle time — 0.6 5 ms tWS(20) Write status cycle time — 1.3 8 ms tEB(20) Erase bulk cycle time for EPCQ16 — 30 60 s Erase bulk cycle time for EPCQ32 30 60 Erase bulk cycle time for EPCQ64 60 250 Erase bulk cycle time for EPCQ128 170 250 Erase bulk cycle time for EPCQ256 240 480 Erase bulk cycle time for EPCQ512/A 153 460 tES(20) Erase sector cycle time for all devices except EPCQ512/A — 0.7 3 s Erase sector cycle time for EPCQ512/A 0.15 1 tESS (20) Erase subsector cycle time for all devices except EPCQ512/A — 0.3 1.5 s Erase subsector cycle time for EPCQ512/A 0.05 0.4 (19) The value must be larger /than or equal to 1/f WCLK. (20) The Write Operation Timing Diagram does not show these parameters. 1. Quad-Serial Configuration (EPCQ) Devices Datasheet CF52012 | 2018.06.01 Quad-Serial Configuration (EPCQ) Devices Datasheet 41 |