Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BMP388 Arkusz danych(PDF) 9 Page - Bosch Sensortec GmbH

Numer części BMP388
Szczegółowy opis  Digital pressure sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOSCH [Bosch Sensortec GmbH]
Strona internetowa  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Arkusz danych(HTML) 9 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 13Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
Bosch Sensortec | BMP388 Datasheet
9 | 57
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMEP388-DS001-01 Revision_1.1_032018
A set of oversampling settings is available ranging from ultra-low power to highest resolution setting in order to adapt the
sensor to the target application. The settings are predefined combinations of pressure measurement oversampling and
temperature measurement oversampling. Pressure and temperature measurement oversampling can be selected
independently from 0 to 32 times oversampling (see sections 3.4.1 and 3.4.2):
Temperature measurement
Ultra low power
Low power
Standard resolution
High resolution
Ultra high resolution
Highest resolution
BMP388 is equipped with a built-in IIR filter in order to minimize short-term disturbances in the output data caused by the
slamming of a door or window. The filter coefficient ranges from 0 (off) to 127.
3.1. Block diagram
Figure 1 shows a simplified block diagram of the BMP388:
Figure 1: Block Diagram BMP388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57