| Zakładka z wyszukiwarką danych komponentów |
|
STC89C53RC Arkusz danych(PDF) 25 Page - STCmicro Technology Co,.Ltd |
|
|
|||||||||||||||||||||||||||||
STC89C53RC Arkusz danych(HTML) 25 Page - STCmicro Technology Co,.Ltd |
|
25 / 165 page ![]() An example program for internal expanded RAM demo of STC89C58RD+: ;/*------------------------------------------------------------------*/ ;/* --- STC MCU International Limited -------------------------------*/ ;/* --- STC89xx Series MCU internal expanded RAM Demo -----------------------*/ ;/* If you want to use the program or the program referenced in the */ ;/* article, please specify in which data and procedures from STC */ ;/*------------------------------------------------------------------*/ #include<reg52.h> #include<intrins.h> /* use _nop_( ) function */ sfr AUXR = 0x8e; sfr AUXR1 = 0xa2; sfr P4 = 0xe8; sfr XICON = 0xc0; sfr IPH = 0xb7; sfr WDT_CONTR = 0xe1; sfr ISP_DATA = 0xe2; sfr ISP_ADDRH = 0xe3; sfr ISP_ADDRL = 0xe4; sfr ISP_CMD = 0xe5; sfr ISP_TRIG = 0xe6; sfr ISP_CONTR = 0xe7; sbit ERROM_LED = P1^5; sbit OK_LED = P1^7; void main ( ) { unsigned int array_point = 0; /*Test-array: Test_array_one[512], Test_array_two[512] */ unsigned char xdata Test_array_one[512] = { 0x00, 0x01 0x02, 0x03, 0x04 0x05, 0x06, 0x07, 0x08, 0x09, 0x0a, 0x0b, 0x0c, 0x0d, 0x0e, 0x0f, 0x10, 0x11, 0x12, 0x13, 0x14, 0x15, 0x16, 0x17, 0x18, 0x19, 0x1a, 0x1b, 0x1c, 0x1d, 0x1e, 0x1f, 0x20, 0x21, 0x22, 0x23, 0x24, 0x25, 0x26, 0x27, 0x28, 0x29, 0x2a, 0x2b, 0x2c, 0x2d, 0x2e, 0x2f, 0x30, 0x31, 0x32, 0x33, 0x34, 0x35, 0x36, 0x37, 0x38, 0x39, 0x3a, 0x3b, 0x3c, 0x3d, 0x3e, 0x3f 25 |