| Zakładka z wyszukiwarką danych komponentów |
|
AR8327N-AL1A-R Arkusz danych(PDF) 54 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AR8327N-AL1A-R Arkusz danych(HTML) 54 Page - List of Unclassifed Manufacturers |
|
54 / 394 page ![]() 54 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch Atheros Communications, Inc. 54 • June 2011 COMPANY CONFIDENTIAL 2.20.1 IEEE 802.3az LPI Mode AR8327 works in the following modes when 802.3 az feature is turned on: n Active: the regular mode to transfer data n Sleep: send special signal to inform remote link of entry into low-power state n Quiet: No signal transmitted on media, most of the analog and digital blocks are turned off to reduce energy. n Refresh: send periodically special training signal to maintain timing recovery and equalizer coefficients n Wake: send special wake-up signal to remote link to inform of the entry back into Active. The AR8327 supports both 100Base-Tx EEE and 1000Base-T EEE. 100Base-Tx EEE allows asymmetrical operation, which allows each link partner to enter the LPI mode independent of the other partner. 1000Base-T EEE requires symmetrical operation, which means that both link partners must enter the LPI mode simultaneously. Figure 2-3 shows the 802.3az operating states for the AR8031. Figure 2-4 shows the 802.3az operating power modes — 802.3az for the AR8327. Figure 2-5. Operating States — 802.3az LPI Mode Figure 2-6. Operating Power Modes — 802.3az LPI Mode Active Td Q uiet Q uiet Quiet Low -Pow er Ts Tq Tr Tw Existing state used for data transm ission . Data packets or IPG /Idle sym bols are transm itted N ew state used during periods of no data transm ission to allow system pow er reduction between data packet bursts O perating States Active Active Quiet Quiet Quiet Low-Power Td Ts Tq Tr Tw |