| Zakładka z wyszukiwarką danych komponentów |
|
AXP288D Arkusz danych(PDF) 35 Page - Shenzhen X-Powers Technology Co ., Ltd |
|
|
|||||||||||||||||||||||||||||
AXP288D Arkusz danych(HTML) 35 Page - Shenzhen X-Powers Technology Co ., Ltd |
|
35 / 110 page ![]() AXP288 PMIC Optimized For Multi-Core High-Performance System AXP288 Datasheet V1.06 Copyright © 2014 X-Powers Limited. All Rights Reserved. 35 CHT SoC initiated cold off sequence PLTRST_B SLP_S0IX_B COREPWROK VCCAPWROK Buck1 - VCC Buck5 - VGG SUSPWRDNACK DRAMPWROK RSMRST_B LDO3 - V3P3A Buck6 -V1P8A LDO6 - eMMC Signals from SoC LDO1 -V1P2A Buck4 -VDDQ Buck3 -V1P05A/ V1P15 Buck2 -VNN Non default on LDOs T0 T3 T4 T5 T6 T2 SUSPWRDACK going high triggers rest of shut down sequence T1 LDO5 - VREFDQ Figure 9-10 Note: Implementation note: SUSPWRDNACK should be sampled after the 50uS Table 9-8 Parameter Description Min Typical Max Units T0 PLTRST_B de-assertion to SLP_S0IX_B de-assertion 31 100 μs T1 SLP_S0IX_B de-assertion to SUSPWRDNACK assertion 0 50 μs T2 SLP_S0IX_B assertion to VCCAPWROK and COREPWROK de-assertion 0 150 μs |