| Zakładka z wyszukiwarką danych komponentów |
|
CD2003GP Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CD2003GP Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 7 page ![]() B I P O L A R I C CD2003GP/GB continued Parameter Symbol Test Conditions Value Unit Min Typ Max Total Harmonic Distortion THD Vin=80dBu EMF 0.4 % AM Rejection Ratio AMR Vin=80dBu EMF 33 dB AM Detector Output Voltage 1 VOD1 Vin=27dBu EMF 15 50 mV Detector Output Voltage 2 VOD2 Vin=60dBu EMF 40 60 100 mV Signal to Noise Ratio S/N Vin=60dBu EMF 43 dB Total Harmonic Distortion THD Vin=60dBu EMF 1 % Local OSC Stop Voltage VSTO AM Vin=0 1.6 V 4、 Test Circuit 4.1. Test Circuit 1 Version:2008-07-A WUXI CHINA RESOURCES SEMICO CO.,LTD. Page: 3/7 |