| Zakładka z wyszukiwarką danych komponentów |
|
K-LD2-EVAL-RFB-01H Arkusz danych(PDF) 12 Page - RFbeam Microwave GmbH |
|
|
|||||||||||||||||||||||||||||
K-LD2-EVAL-RFB-01H Arkusz danych(HTML) 12 Page - RFbeam Microwave GmbH |
|
12 / 20 page ![]() © RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-LD2 | data sheet 09/2018 - Revision B | Page 12/20 FFT filter The FFT filter feature can be used to filter out specific regions in the FFT spectrum. The FFT filter array (see parameters A20…A27) consists of up to 8 indepen- dent FFT filters. Further the ± width around these FFT filters can be specified with the parameter D08. For example: The commands $A2000A<CR>, $A210032<CR> & $A220050<CR> define 3 FFT fil- ters at the bin positions 10, 50 & 80. The command $D0802<CR> sets the ± width around the filters to 2. This feature allows easy filtering out of un- wanted constant movements like a ventilator. Please note that other movements with the same speed are also filtered out. Figure 12: FFT filter and FFT filter width example |