Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP6131DECR Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części TMP6131DECR
Szczegółowy opis  Silicon-Based Linear Thermistor for Temperature Sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TMP6131DECR Arkusz danych(HTML) 3 Page - Texas Instruments

  TMP6131DECR Datasheet HTML 1Page - Texas Instruments TMP6131DECR Datasheet HTML 2Page - Texas Instruments TMP6131DECR Datasheet HTML 3Page - Texas Instruments TMP6131DECR Datasheet HTML 4Page - Texas Instruments TMP6131DECR Datasheet HTML 5Page - Texas Instruments TMP6131DECR Datasheet HTML 6Page - Texas Instruments TMP6131DECR Datasheet HTML 7Page - Texas Instruments TMP6131DECR Datasheet HTML 8Page - Texas Instruments TMP6131DECR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1
2
+
±
1
2
3
TMP61
www.ti.com
SBOS921 – DECEMBER 2018
Product Folder Links: TMP61
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Device Comparison Table
PART NUMBER
RATING
R25 TYP
R25 %TOL
PACKAGE
TA
TMP61DEC
Catalog
10k
1%
X1SON / DEC (0402)
–65°C to 150°C
TMP61LPG
TO92s / LPG
–65°C to 150°C
6 Pin Configuration and Functions
DEC Package
2-Pin X1SON
Top View (Angled)
LPG Package
2-Pin TO-92S
Top View (Angled)
(1)
The package is in preview
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
X1SON
(DEC)
TO-92S
(LPG)
–
1
1
—
Thermistor (–) and (+) terminals. For proper operation, ensure a positive bias where the +
terminal is at a higher voltage potential than the – terminal.
+
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com