| Zakładka z wyszukiwarką danych komponentów |
|
ESP8266 Arkusz danych(PDF) 39 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. |
|
|
|||||||||||||||||||||||||||||
ESP8266 Arkusz danych(HTML) 39 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. |
|
39 / 117 page ![]() ! 4. SPI Communication User Guide 4.5.2.3. SPIMasterCfgCmd Description Configure SPI command register. Function Void SPIMasterCfgCmd(SpiNum spiNum, uint32_t cmd); Return value Null 4.5.2.4. SPIMasterSendData Description Master sends data according to the pInData buffer. Function int SPIMasterSendData(SpiNum spiNum, SpiData* pInData); Return value • 0: Success • Others: Failure ! Notes: • If the address length is over 32 bits, the user needs to configure the SPI_WR_STATUS register. • Address transmission is in high-byte order. Parameter Description spiNum [in] choose SPI and HSPI. cmd [in] command value to set. ! Note: CMD length is up to 16 bits and the transmission is in low-byte order. Parameter Description spiNum [in] choose SPI and HSPI. pInData [in] a pointer to SpiData structure. The command, address, data buffer and length should be specified. ! Note: DATA transmission is in low-byte order. Espressif ! /! 31 104 2017.05 |