| Zakładka z wyszukiwarką danych komponentów |
|
L6924D Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6924D Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 5 page ![]() L6924D 2/5 CD00061067 However, when a current-limited adapter is used, the device works in Quasi Pulse Mode thanks to its low input voltage. The device has an operating input voltage ranging from 2.5V to 14V. On the L6924D is possible to select the output voltage (4.1V-4.2V) with ±1% voltage accuracy. This allows to use both coke and graphite anode cells. The L6924D offers two open collector outputs, for diagnostic purpose, which can be used to drive two external LEDs, or to communicate with a host microcontroller. Moreover, the voltage across the resistor connected between IEND and GND gives the status about the charging current (working as a gas gauge) and some eventual faults, like battery over temperature, the battery absence and the over time charge. Figure 1. Basic Application Diagram Figure 2. Demo Board Layout SHDN ON OFF GND V OPRG I PRE T PRG V PRE I PRG I END V OSNS V OUT TH V REF V INSNS V IN ST1 ST2 L6924D CHARGER BATTERY Li-Ion cell R3 C2 NTC C1 C3 SHDN ON OFF GND V OPRG I PRE T PRG V PRE I PRG I END V OSNS V OUT TH V REF V INSNS V IN ST1 ST2 L6924D CHARGER BATTERY Li-Ion cell R3 C2 NTC C1 C3 |