| Zakładka z wyszukiwarką danych komponentów |
|
FP5138 Arkusz danych(PDF) 11 Page - Feeling Technology Corp. |
|
|
|||||||||||||||||||||||||||||
FP5138 Arkusz danych(HTML) 11 Page - Feeling Technology Corp. |
|
11 / 16 page ![]() FP5138 This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product. Website: http://www.feeling-tech.com.tw Rev. 0.62 11/16 BR/CTL pin can also use to control the output of FP5138 for disable or enable function of system. Timing Waveform COMP Pin Voltage Reference Input For Short Circuit Detection Comparator Idle Period Setting Voltage Soft Start Setting Voltage OUT Pin Waveforms SCP Pin Waveforms Power Supply Control SW ON OFF Soft Start ts Output Short Circuit tpe Output Short Circuit Short Circuit Detection FP5138 Timing Diagram Control Pin Q1 BR/CTL Pin Output Transistor Function Mode Low Off Open Disable Stand-by High On Bias Current Enable Operation |