Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FS277 Arkusz danych(PDF) 9 Page - Feeling Technology Corp.

Numer części FS277
Szczegółowy opis  2 phase high voltage DC Motor Driver IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FEELING [Feeling Technology Corp.]
Strona internetowa  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS277 Arkusz danych(HTML) 9 Page - Feeling Technology Corp.

Back Button FS277 Datasheet HTML 4Page - Feeling Technology Corp. FS277 Datasheet HTML 5Page - Feeling Technology Corp. FS277 Datasheet HTML 6Page - Feeling Technology Corp. FS277 Datasheet HTML 7Page - Feeling Technology Corp. FS277 Datasheet HTML 8Page - Feeling Technology Corp. FS277 Datasheet HTML 9Page - Feeling Technology Corp. FS277 Datasheet HTML 10Page - Feeling Technology Corp. FS277 Datasheet HTML 11Page - Feeling Technology Corp. FS277 Datasheet HTML 12Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Rev0.2 Nov. 09, 2004(LF)
P9/FS277
Application Note
The Example of Typical Application Circuit
Fig 4 is the example of typical application circuit. The red, yellow, and black wires are the
input points of the motor system: red, the input of power supply; yellow, the output of FG;
black, the ground signal. RC is an external pull-up resistance for the use of measuring FG
signal. In view of the design, the value of RC could be decided by the transistor saturation
voltage (VON), sink current (IC), and off-level voltage (VC).
The formula is:
RC=
C
ON
C
I
V
V −
For example:
VC = +5V for TTL level.
IC = 10mA at 0.2V saturation voltage
The safety value of RC= 470Ω
D1 is the reverse protection diode. As if the red and black wires reversely connect with the
power source, the current will flow through the ground via IC and coils L1 and L2 to power
supply. Under such kind of circumstances, the IC and coils are easy to be burned out.
Therefore, D1, the reverse protection diode, is necessary for the design. However, D1 will
also cause an extra voltage drop on the supply voltage.
C1 is a capacitor to reduce the ripple noise caused during the transient of the output stages.
The volume of the ripple noise depends on the coil impedance and characteristics.
Fig 4 Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12