Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD5P8BA Arkusz danych(PDF) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

Numer części PD5P8BA
Szczegółowy opis  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Strona internetowa  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PD5P8BA Arkusz danych(HTML) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

  PD5P8BA Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PD5P8BA Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PD5P8BA Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PD5P8BA Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
REV1.0
2
H-44-2
N-Channel Enhancement Mode
Field Effect Transistor
PD5P8BA
TO-252
Halogen-Free & Lead-Free
NIKO-SEM
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP MAX
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = 250A
20
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250A
0.45
0.8
1.25
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±12V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 16V, VGS = 0V
1
A
VDS = 10V, VGS = 0V, TJ = 125 °C
10
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = 10V , ID = 20A
7.9
12
mΩ
VGS = 4.5V, ID = 18A
9.3
14
VGS = 2.5V, ID = 9A
13.4
28
Forward Transconductance
1
gfs
VDS = 5V, ID = 20A
36
S
DYNAMIC
Input Capacitance
Ciss
VGS = 0V, VDS = 10V, f = 1MHz
718
pF
Output Capacitance
Coss
149
Reverse Transfer Capacitance
Crss
122
Gate Resistance
Rg
VGS = 0V, VDS = 0V, f = 1MHz
2.2
Ω
Total Gate Charge
2
Qg(VGS=10V)
VDS = 10V , ID = 20A
19
nC
Qg(VGS=4.5V)
10
Gate-Source Charge
2
Qgs
1.1
Gate-Drain Charge
2
Qgd
4.3
Turn-On Delay Time
2
td(on)
VDS = 10V
ID  20A, VGS = 10V, RGEN =6Ω
8.8
nS
Rise Time
2
tr
112
Turn-Off Delay Time
2
td(off)
38
Fall Time
2
tf
132
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
Continuous Current
IS
19
A
Forward Voltage
1
VSD
IF = 10A, VGS = 0V
1.3
V
Reverse Recovery Time
trr
IF = 10A, dlF/dt = 100A / S
10
nS
Reverse Recovery Charge
Qrr
3.1
nC
1Pulse test : Pulse Width
 300 sec, Duty Cycle  2%.
2Independent of operating temperature.



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com