| Zakładka z wyszukiwarką danych komponentów |
|
FS9701B Arkusz danych(PDF) 20 Page - Fortune Semiconductor Corp. |
|
|
|||||||||||||||||||||||||||||
FS9701B Arkusz danych(HTML) 20 Page - Fortune Semiconductor Corp. |
|
20 / 46 page ![]() FS970X Rev. 4.4 20/46 Multiplexers and pre-filter Through multiplexers such as INHMUX, INLMUX, VRHMUX and VRLMUX, selectable ADC signals are FTIN, INL, VRH, and VRL. FTIN and INL first flow through a RC pre-filter, and then into full differential amplifier input INH and INL of ADC. At the same time, they can bypass the RC pre-filter and flow directly into ADC through BPFTR and FTR. Each output path is directly controlled by registers. Details are shown in Chart 9, Chart 10, Chart 11 and Chart 12. Name SMV SDV SA SGND SDB ACH AX5 ADRF SINH 0000 0001 0010 0011 0100 0101 0110 0111 Name ACBO CMPH AX1 AX2 AX3 AX4 LBS NA SINH 1000 1001 1010 1011 1100 1101 1110 NA Chart 9 FTIN multiplexers setup Name SGND SCV SDV ACL SDB AX2 AX3 AX4 SINL 000 001 010 011 100 101 110 111 Chart 10 INL multiplexers setup. Name ADRF SDV SMV AX3 SRFH 00 01 10 11 Chart 11 VRH multiplexers setup. Name AGND SCV SDB SMV AX3 AX4 AGND SRFL 000 001 010 011 100 101 110 Chart 12 VRL multiplexers setup. The signal into the comparator can be selected by comparator multiplexers – CMPMUX. The path is controlled by registers as well, as show below. Name SMV SDV SA ADRF AX1 AX2 Vcntd Vsrc1 SCMPH 0000 0001 0010 0011 0100 0101 0110 0111 Name Vcapd1 Vcapd2 Vcapc2 Vcapc1 SGND AGND VRH VRL SCMPH 1000 1001 1010 1011 1100 1101 1110 1111 Chart 13 CMPH multiplexers setup. |