| Zakładka z wyszukiwarką danych komponentów |
|
FS9952_LP2-GCE Arkusz danych(PDF) 21 Page - Fortune Semiconductor Corp. |
|
|
|||||||||||||||||||||||||||||
FS9952_LP2-GCE Arkusz danych(HTML) 21 Page - Fortune Semiconductor Corp. |
|
21 / 34 page ![]() FS9952_LP2 Oscillation Circuit U1 35 XOUT 34 XIN CX1 CX2 FS9952 R1 Diagram 9 Oscillation Circuit The oscillation of FS9952_LP2 can be quartz, but for the cost reduction, it also can be ceramic. In the diagram, R1 is the reviser to provide the static working point; CX2 is the fine adjustment of frequency; CX1 is temperature offset. In less requirements situation, CX1 and CX2 can be unused. Mode Switch and Function Control Circuit R10 180 L1 LED S6 S5 S4 S3 S2 S11 S10 S9 S8 S7 S1 C5 0.1uF R6 100k VDD 27 BLOUT 16 MAXH 18 SELECT 19 RANGE 20 HOLD 26 BLCTR 21 MEA4 22 MEA3 23 MEA2 24 MEA1 25 MEA0 56 RST FS9952 Diagram 10 Mode Switch and Function Control Circuit S2〜S6 are mode switches which are the lock switches. For their functions, please refer to 9.1. S1 and S7〜S11 are function control switches which are the trigger switches. For their functions, please refer to “Keys Definition” and “Other Functions”. Rev. 1.2 21/34 |