| Zakładka z wyszukiwarką danych komponentów |
|
175-4591 Arkusz danych(PDF) 9 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
175-4591 Arkusz danych(HTML) 9 Page - List of Unclassifed Manufacturers |
|
9 / 54 page ![]() TUFFALOY bent tips DOUBLE-BENT, ADDITIONAL NOSE DESIGNS Example: FB-1438-16-T F = Cold-Formed, Double-Bend Tips X = Nose Type A B C D Y = RWMA Alloy Class 1 = Class 1 2 = Class 2 Z = RW Taper Number 4 =4RW 5 = 5RW L = Length in inches Refer to table for availability D = Additional Length in 16ths O = Offset in 16ths Refer to table for availability T = With water tubes KEY TO DESCRIPTION FX-YZLD-O ‘A’ POINTED NOSE ‘C’ FLAT NOSE ‘D’ OFFSET NOSE ‘B’ DOME NOSE DOUBLE-BEND, WITH STANDARD NOSE DESIGNS These standard cold-formed tips are bent from straight tips (some after added machining) and have the same hardness and conductivity. They outlast, many times over, the old cast and forged tips of similar geometry, which are impossible to cool adequately. The table shows a wide range of tips generally available from stock. For sizes not shown, refer to the diagrams and description key at the bottom of the page, and order what you need. All measurements will be accurate. However, over-all length, in 1/8-in. multiples, will be held to within 1/16-in. Tapers, water holes, and nose designs are the same as the standard straight tips in this catalog. Water tubes can be furnished. Standard nose designs other than those shown here may be furnished on short order. Follow the “Key to Description”, using a ‘B’ for Dome nose, ‘C’ for flat nose, ‘E’ for truncated cone, and ‘F’ for radius nose. 8 Taper No. Length Offset 4 RW 5 RW FA Pointed Nose FD Offset Nose FA Pointed Nose FD Offset Nose Descrip- Item Descrip- Item Descrip- Item Descrip- Item tion No. tion No. tion No. tion No. 1-1/2 7/16 FA-2317-8 167-0060 2-3/16 1 FD-2423-16 167-2080 2-1/4 1/2 FA-1424-8 165-0100 FA-2424-8 167-0100 2-1/4 3/4 FA-2424-12 167-0120 2-3/8 3/8 FA-1426-6 165-0160 FA-2426-6 167-0160 2-3/8 3/4 FA-2426-12 167-0180 2-3/8 1-1/4 FA-1426-20 165-0200 FD-1426-20 165-2200 FA-2426-20 167-0200 FD-2426-20 167-2200 2-1/2 1/2 FA-2428-8 167-0240 2-1/2 1 FA-1428-16 165-0280 FD-1428-16 165-2280 FA-2428-16 167-0280 FD-2428-16 167-2280 2-5/8 3/4 FA-14210-12 165-0320 FA-24210-12 167-0320 FD-24210-12 167-2320 2-3/4 1/2 FA-14212-8 165-0360 FA-24212-8 167-0360 FD-24212-8 167-2360 2-3/4 1 FA-24212-16 167-0400 2-3/4 1-1/4 FA-24212-20 167-0420 2-7/8 3/4 FA-24214-12 167-0430 2-7/8 1-1/4 FA-14214-20 165-0460 FA-24214-20 167-0460 3 1 FA-1430-16 165-0520 FA-2430-16 167-0520 3-3/8 1-1/4 FA-2436-20 167-0580 3-1/2 1 FA-2438-16 167-0620 2-1/4 1/2 FD-2524-8 167-3100 2-1/4 1-1/4 FD-1524-20 165-3140 FD-2524-20 167-3140 2-3/8 3/8 FA-1526-6 165-1160 FA-2526-6 167-1160 FD-2526-6 167-3160 2-3/8 3/4 FD-1526-12 165-3180 FA-2526-12 167-1180 FD-2526-12 167-3180 2-7/16 1-5/16 2-1/2 1/2 FA-1528-8 165-1240 FA-2528-8 167-1240 2-1/2 1 FA-2528-16 167-1280 2-3/4 1/2 FA-15212-8 165-1360 FD-15212-8 165-3360 FA-25212-8 167-1360 FD-25212-8 167-3360 2-3/4 3/4 FA-25212-12 167-1380 2-3/4 1 FA-15212-16 165-1400 FD-15212-16 165-3400 FA-25212-16 167-1400 FD-25212-16 167-3400 2-7/8 1 FA-25214-16 167-1440 2-7/8 1-1/4 FA-15214-20 165-1460 FA-25214-20 167-1460 3 1/2 FA-1530-8 165-1480 FA-2530-8 167-1480 FD-2530-8 167-3480 3 3/4 FA-2530-12 167-1500 3 1 FA-2530-28 167-1540 FD-2530-16 167-3520 3-1/4 1 FA-1534-16 165-1560 FA-2534-16 167-1560 3-3/8 3/8 FD-1536-6 165-3570 3-3/8 1-1/4 FA-1536-20 165-1580 FD-1536-20 165-3580 FA-2536-20 167-1580 FD-2536-20 167-3580 3-1/2 1/2 FA-1538-8 165-1600 FA-2538-8 167-1600 3-1/2 1 FA-2538-16 167-1620 FD-2538-16 167-3620 CLASS I CLASS 2 |