| Zakładka z wyszukiwarką danych komponentów |
|
PI07050-R82M Arkusz danych(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD. |
|
|
|||||||||||||||||||||||||||||
PI07050-R82M Arkusz danych(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD. |
|
1 / 5 page ![]() FENG-JUI TECHNOLOGY CO., LTD HIGH CURRENT INDUCTOR-RoHS Your Perfect Inductor Rev.1801 PI 07050 TYPE ●FEATURE 1. Shielded construction 2. Frequency range up to 5MHz, Low DCR( Ω) 3. Low Buzz Noise ●Applications 1. Notebook, server application, High current power supplier ●Shape and Dimension ●Schematics and Land Patterns(mm) A=6.80m/m Max ; B=7.30m/m Max ; C=5.00m/m Max. ; D=3.00±0.3m/m ; E=1.50m/m Ref. ; G=8.00m/m Ref. ; H=3.45m/m Ref. ; I=3.70m/m Ref. ●Specification FENG JUI P/N L (μH) RDC (m Ω) Typical RDC (m Ω)Max Isat (A) Irms (A) PI07050-R56M 0.56±20% 3.4 4.3 12.0 20.0 PI07050-R68M 0.68±20% 4.2 4.5 11.5 18.0 PI07050-R82M 0.82±20% 4.6 4.9 13.0 16.5 PI07050-1R0M 1.0±20% 5.6 6.5 15.0 12.0 PI07050-1R5M 1.5±20% 8.6 9.0 12.0 11.5 PI07050-2R2M 2.2±20% 13 13.6 10.0 10.0 PI07050-3R3M 3.3±20% 19.9 20.9 8.0 8.0 PI07050-4R7M 4.7±20% 28.9 30.3 7.0 6.5 PI07050-5R6M 5.6±20% 32.7 34.4 7.0 6.0 PI07050-6R8M 6.8±20% 42.5 44.6 5.5 5.5 PI07050-8R2M 8.2±20% 48.3 50.7 5.0 5.0 PI07050-100M 10±20% 67.9 71.3 4.5 4.5 PI07050-150M 15±20% 90 100 4.3 4.3 PI07050-220M 22±20% 145 155 4.0 3.5 PI07050-330M 33±20% 215 260 2.0 2.0 PI07050-470M 47±20% 300 330 1.8 1.5 Note1. Measurement frequency of Inductance value : at 100KHz Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃ |
Podobny numer części - PI07050-R82M |
|
Podobny opis - PI07050-R82M |