Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SCRB6028-220M Arkusz danych(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Numer części SCRB6028-220M
Szczegółowy opis  SMD POWER INDUCTOR-RoHS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Strona internetowa  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

SCRB6028-220M Arkusz danych(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  SCRB6028-220M Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. SCRB6028-220M Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SMD POWER INDUCTOR-RoHS
Your Perfect Inductor
Rev.1701
SCRB6028 TYPE
●FEATURE
1. High current capacity and Low DCR
2. High heat resistance, ideal for reflow solding
●Applications
1. Portable telephone, Personal Computer
2. Hard Disk drives, and other electronic equipment
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=6.00±0.20m/m ; D=2.80±0.20m/m ; C=2.00±0.10m/m ;E=4.00m/m REF.
●Specification
Part Number
L(uH)
Marking
DCR(Ω±20%)
IDC(A)(Max)
SCRB6028-4R7M
4.7±20%
4R7
0.037
1.60
SCRB6028-6R8M
6.8±20%
6R8
0.049
1.50
SCRB6028-100M
10±20%
100
0.068
1.30
SCRB6028-150M
15±20%
150
0.085
1.00
SCRB6028-220M
22±20%
220
0.139
0.77
SCRB6028-330M
33±20%
330
0.209
0.69
SCRB6028-470M
47±20%
470
0.289
0.59
SCRB6028-680M
68±20%
680
0.379
0.50
SCRB6028-101M
100±20%
101
0.609
0.42
SCRB6028-151M
150±20%
151
0.919
0.34
SCRB6028-221M
220±20%
221
1.219
0.26
Note1. Measurement frequency of Inductance value : at 1KHz, 0.25V
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. IDC : △L/L≦30%
(This indicates the value of current when the inductances is 30% lower than its initial
value at D.C. superimposition or D.C. current when at ∆t=40℃,which is lower.(Ta=20℃))
Note4. Inductance tolerance: M: ±20%
0.05typ
A
Black
Marking
D
C
2.2


Podobny numer części - SCRB6028-220M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
FENGJUI TECHNOLOGY CO.,...
SCRB10145 FENGJUI-SCRB10145 Datasheet
167Kb / 2P
SMD POWER INDUCTOR
SCRB10145-100M FENGJUI-SCRB10145-100M Datasheet
167Kb / 2P
SMD POWER INDUCTOR
SCRB10145-101M FENGJUI-SCRB10145-101M Datasheet
167Kb / 2P
SMD POWER INDUCTOR
SCRB10145-102M FENGJUI-SCRB10145-102M Datasheet
167Kb / 2P
SMD POWER INDUCTOR
SCRB10145-150M FENGJUI-SCRB10145-150M Datasheet
167Kb / 2P
SMD POWER INDUCTOR
More results

Podobny opis - SCRB6028-220M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
FENGJUI TECHNOLOGY CO.,...
ANB1303 FENGJUI-ANB1303 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1305 FENGJUI-ANB1305 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1311 FENGJUI-ANB1311 Datasheet
145Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1807 FENGJUI-ANB1807 Datasheet
145Kb / 3P
SMD POWER INDUCTOR-RoHS
SDIA4018 FENGJUI-SDIA4018 Datasheet
208Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA6045 FENGJUI-SDIA6045 Datasheet
177Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH4D18 FENGJUI-TPRH4D18 Datasheet
193Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D18 FENGJUI-TPRH5D18 Datasheet
216Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D28R FENGJUI-TPRH5D28R Datasheet
210Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH8D28 FENGJUI-TPRH8D28 Datasheet
151Kb / 3P
SMD POWER INDUCTOR-RoHS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com