| Zakładka z wyszukiwarką danych komponentów |
|
MPC880CZP66 Arkusz danych(PDF) 8 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC880CZP66 Arkusz danych(HTML) 8 Page - Freescale Semiconductor, Inc |
|
8 / 92 page ![]() MPC885/MPC880 Hardware Specifications, Rev. 3 8 Freescale Semiconductor Features The MPC880 block diagram is shown in Figure 2. Figure 2. MPC880 Block Diagram Bus System Interface Unit (SIU) Embedded Parallel I/O Memory Controller 4 Timers Interrupt Controllers 8-Kbyte Dual-Port RAM System Functions 8-Kbyte Instruction Cache 32-Entry ITLB Instruction MMU 8-Kbyte Data Cache 32-Entry DTLB Data MMU Instruction Bus Load/Store Bus Unified 4 Baud Rate Generators Parallel Interface Port Internal Bus Interface Unit External Bus Interface Unit Timers 32-Bit RISC Controller and Program ROM Serial Interface I2C SPI SMC2 SMC1 MPC8xx Processor Core SCC3 Serial Interface PCMCIA-ATA Interface Virtual IDMA and Serial DMAs SCC4/ DMAs FIFOs 10/100 MIII/RMII BaseT Media Access Control Fast Ethernet Controller UTOPIA USB Slave/Master IF Time Slot Assigner DMAs |