Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STTH1002CFP Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części STTH1002CFP
Szczegółowy opis  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1002CFP Arkusz danych(HTML) 1 Page - STMicroelectronics

  STTH1002CFP Datasheet HTML 1Page - STMicroelectronics STTH1002CFP Datasheet HTML 2Page - STMicroelectronics STTH1002CFP Datasheet HTML 3Page - STMicroelectronics STTH1002CFP Datasheet HTML 4Page - STMicroelectronics STTH1002CFP Datasheet HTML 5Page - STMicroelectronics STTH1002CFP Datasheet HTML 6Page - STMicroelectronics STTH1002CFP Datasheet HTML 7Page - STMicroelectronics STTH1002CFP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
STTH1002C
March 2004 - Ed: 4
HIGH EFFICIENCY ULTRAFAST DIODE
®
Dual center tap rectifier suited for Switch Mode
Power Supplies and High frequency DC to DC
converters.
Packaged
in
DPAK,
D
2PAK,
TO-220AB,
TO220-FPAB and I
2PAK, this device is intended
for use in low voltage, high frequency inverters,
free wheeling and polarity protection applications.
DESCRIPTION
■
Suited for SMPS
■
Low losses
■
Low forward and reverse recovery times
■
Insulated package: TO-220FPAB
■
High junction temperature
■
Low leakage current
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(RMS)
RMS forward current
TO-220AB / TO-220FPAB / I
2PAK / D2PAK /
20
A
DPAK
10
IF(AV)
Average forward
current
δ =0.5
TO-220AB / I
2PAK
/D
2PAK / DPAK
Tc = 155°C
Per diode
5A
Tc = 150°C
Per device
10
Tc = 135°C
Per diode
8
Tc = 125°C
Per device
16
TO-220FPAB
Tc = 140°C
Per diode
5
Tc = 120°C
Per device
10
Tc = 110°C
Per diode
8
Tc = 75°C
Per device
16
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
50
A
Tstg
Storage temperature range
- 65 + 175
°C
Tj
Maximum operating junction temperature
175
°C
ABSOLUTE RATINGS (limiting values, per diode)
IF(AV)
Up to 2x8A
VRRM
200 V
Tj (max)
175 °C
VF (typ)
0.78 V
trr (typ)
20 ns
MAIN PRODUCT CHARACTERISTICS
A1
A2
K
A1
A2
K
I
2PAK
STTH1002CR
A1
A2
K
TO-220AB
STTH1002CT
A1
A2
K
K
D
2PAK
STTH1002CG
A1
A2
K
TO-220FPAB
STTH1002CFP
K
K
A1
A2
DPAK
STTH1002CB


Podobny numer części - STTH1002CFP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
STTH1002CFP ISC-STTH1002CFP Datasheet
272Kb / 2P
Ultra fast Rectifier
More results

Podobny opis - STTH1002CFP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STTH102 STMICROELECTRONICS-STTH102 Datasheet
106Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
21-Nov-2006
STTH152 STMICROELECTRONICS-STTH152 Datasheet
42Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Nov-2001
STTH302 STMICROELECTRONICS-STTH302 Datasheet
43Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Nov-2001
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH2L06 STMICROELECTRONICS-STTH2L06 Datasheet
86Kb / 8P
HIGH EFFICIENCY ULTRAFAST DIODE
07-Sep-2004
STTH3002C STMICROELECTRONICS-STTH3002C Datasheet
138Kb / 11P
High efficiency ultrafast diode
05-Apr-2006
BYT01-400 STMICROELECTRONICS-BYT01-400_01 Datasheet
47Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
STTH1302CT STMICROELECTRONICS-STTH1302CT_03 Datasheet
116Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2003
BYT01400 STMICROELECTRONICS-BYT01400 Datasheet
51Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
BYT03-400 STMICROELECTRONICS-BYT03-400 Datasheet
53Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
More results


Html Pages

1 2 3 4 5 6 7 8