Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NAU88L25B Arkusz danych(PDF) 1 Page - Nuvoton Technology Corporation

Numer części NAU88L25B
Szczegółowy opis  Ultra-Low Power Audio CODEC for Headphone/Headsets Application With 124dB Class G Headphone Drive and Advanced Headset Features
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NUVOTON [Nuvoton Technology Corporation]
Strona internetowa  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NAU88L25B Arkusz danych(HTML) 1 Page - Nuvoton Technology Corporation

  NAU88L25B Datasheet HTML 1Page - Nuvoton Technology Corporation NAU88L25B Datasheet HTML 2Page - Nuvoton Technology Corporation NAU88L25B Datasheet HTML 3Page - Nuvoton Technology Corporation NAU88L25B Datasheet HTML 4Page - Nuvoton Technology Corporation NAU88L25B Datasheet HTML 5Page - Nuvoton Technology Corporation NAU88L25B Datasheet HTML 6Page - Nuvoton Technology Corporation NAU88L25B Datasheet HTML 7Page - Nuvoton Technology Corporation NAU88L25B Datasheet HTML 8Page - Nuvoton Technology Corporation NAU88L25B Datasheet HTML 9Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
NAU88L25B
Ultra-Low Power Audio CODEC for Headphone/Headsets Application
With 124dB Class G Headphone Drive and Advanced Headset Features
Description
The NAU88L25B® is an Ultra-Low-Power High-Performance Audio CODEC Ground-Referenced Headphone
Amplifier with Advanced Headset Detection. The single-chip solution with microphone and ground detection and
switching capabilities is designed for smartphones, tablets, Personal Computers (PCs), and other portable devices
that support both analog and digital audio functions. The NAU88L25B is a cost-optimized solution for audio jack
applications that benefit from enhanced audio quality and more integrated detection and suppression functions.
Additionally, when used in combination with the Nuvoton NuMicro® NUC123, an ARM® Cortex MO-based
microprocessor, the NAU88L25B Audio CODEC provides an easy-to-implement design solution for USB
headphones.
The highly-integrated NAU88L25B features one I2S/PCM Interface, one digital mixer, two high-quality audio
Digital-to-Analog Converters (DACs), one high-quality audio Analog-to-Digital Converter (ADC), one monophonic
differential analog microphone input, two analog single-ended microphone inputs, and one stereophonic Class G
headphone amplifier with automatic headset detection. After automatically detecting which type of headset is in
use—Stereo headphone, Nokia-type headsets, or Apple-type headsets—the NAU88L25B switches internal
connections to support the appropriate format.
The advanced on-chip Digital Signal Processing (DSP) engine includes a Dynamic Range Compressor (DRC), and
Programmable Bi-Quad Filters for various types of filters to optimize audio quality and eliminate undesirable
frequency components.The NAU88L25B Audio CODEC provides comprehensive headset detection features that
support jack insertion/ejection, microphone detection, distinct key / short key / long key / key release detection and
Crosstalk detection/suppression. The chip also provides an integrated Frequency Locked Loop (FLL) to support
various clocks.
The NAU88L25 operates with analog supply voltages from 1.6V to 1.8V, while the digital core can operate from
1.1V to 1.98V to conserve power. The NAU88L25 is specified for operation from -40°C to +85°C, and is available
in QFN 32 or CSP package with 0.4mm pitch.
Features
DAC with auto attenuate : 124dB SNR;
without auto mute: 113dB SNR, (A-weighted)
@ 0dB gain, 1.8V and -89dB THDN @
20mW and RL= 32Ω, DAC playback to
headphone output mode
ADC : 101dB SNR (A-weighted) @ 0dB MIC
gain, 1.8V, Fs = 48kHz and -91dB THD ,
1.8V, MIC gain 0dB, OSR 128x
One Digital I2S/PCM I/O port
Dynamic Range Compressor (DRC)
Programmable Biquad filter
One Headset Mic: One Differential Analog
Mic input, Line-input or two single-ended Mic
input
One Class G Stereo Headphone
Amplifier(28mW @ 32Ω, 1% THD+N)
Sampling rate from 8K to 192 KHz
Autonomous Headset Microphone & Ground
Detection and Switching
Jack Insertion and Ejection Detection
Distinct Keys Detection
Package : 32 Pin QFN package, and 42 Balls
WLCSP with 0.4mm Pitch
Applications
Ultra-Portable Laptop
Mobile Device
Wireless or USB Headphone
Smart Remote Controller
Gaming Controller
NAU88L25B Product Brief Rev 1.0
Page 1 of 16
Aug 19, 2016


Podobny numer części - NAU88L25B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nuvoton Technology Corp...
NAU88L25 NUVOTON-NAU88L25 Datasheet
283Kb / 10P
Ultra-Low Power Audio CODEC for Headphone/Headsets Application With 124dB Class G Headphone Drive and Advanced Headset Features
NAU88L25YG NUVOTON-NAU88L25YG Datasheet
283Kb / 10P
Ultra-Low Power Audio CODEC for Headphone/Headsets Application With 124dB Class G Headphone Drive and Advanced Headset Features
More results

Podobny opis - NAU88L25B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX9856 MAXIM-MAX9856 Datasheet
672Kb / 46P
Low-Power Audio CODEC with DirectDrive Headphone Amplifiers
Rev 2; 12/11
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Texas Instruments
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
1Mb / 65P
Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
TLV320DAC3203 TI1-TLV320DAC3203 Datasheet
890Kb / 35P
Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
TLV320AIC3263 TI1-TLV320AIC3263_14 Datasheet
986Kb / 62P
Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI-TLV320AIC3263_15 Datasheet
1Mb / 63P
Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_16 Datasheet
1Mb / 63P
Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
logo
Nuvoton Technology Corp...
NAU88L24 NUVOTON-NAU88L24 Datasheet
476Kb / 16P
Ultra-Low Power Audio CODEC with Stereo Class D Drivers and Ground-Referenced Headphone Amplifier with Advanced Headset Detection
NAU88L25 NUVOTON-NAU88L25 Datasheet
283Kb / 10P
Ultra-Low Power Audio CODEC for Headphone/Headsets Application With 124dB Class G Headphone Drive and Advanced Headset Features
NAU88L21 NUVOTON-NAU88L21 Datasheet
1Mb / 69P
Ultra-Low Power Audio CODEC Ground-Referenced Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com