| Zakładka z wyszukiwarką danych komponentów |
|
54HC112 Arkusz danych(PDF) 3 Page - Silicon Supplies |
|
|
|||||||||||||||||||||||||||||
54HC112 Arkusz danych(HTML) 3 Page - Silicon Supplies |
|
3 / 6 page ![]() Page 3 of 6 www.siliconsupplies.com PARAMETER SYMBOL MIN MAX UNITS DC Supply Voltage VCC 2 6 V DC Input or Output Voltage VIN ,VOUT 0 VCC V Operating Temperature Range TJ -55 +125 °C VCC = 2.0V 0 1000 VCC = 4.5V 0 500 Input Rise and Fall Time VCC = 6.0V tr, tf 0 400 ns Recommended Operating Conditions3 (Voltages referenced to GND) Absolute Maximum Ratings1 PARAMETER SYMBOL VALUE UNIT DC Supply Voltage (Referenced to GND) VCC -0.5 to +7.0 V DC Input Voltage (Referenced to GND) VIN -1.5 to VCC +1.5 V DC Output Voltage (Referenced to GND) VOUT -0.5 to VCC +0.5 V DC Input Current, per pin IIN ±20 mA DC Output Current, per pin IOUT ±25 mA DC VCC or GND Current, per pin ICC ±50 mA Power Dissipation in Still Air 2 PD 750 mW Storage Temperature Range TSTG -65 to 150 °C High Speed CMOS Logic – 54HC112 Rev 1.0 24/11/17 1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may reduce device reliability. 2. Measured in plastic DIP package, results in die form are dependent on die attach and assembly method. Pad Descriptions CLOCK INPUTS 1CLK, 2CLK (Pads 1, 13) Clock input (HIGH-to-LOW, edge triggered) DATA INPUTS 1K, 2K, 1J, 2J (Pads 2, 12, 3, 11) Data inputs; flip-flops 1 and 2 OUTPUTS 1Q, 2Q, 1Q, 2Q (Pads 5, 9, 6, 7) True flip-flop outputs and complement flip-flop outputs 3. This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND ≤ (VIN or VOUT) ≤ VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open. CONTROL INPUTS 1PRE, 2PRE (Pads 4, 10) Set inputs (active LOW) 1CLR, 2CLR ( Pads 15, 14) Reset inputs (active LOW) GROUND & POWER GND, VCC (Pads 8, 16) Ground 0V, Positive Supply Voltage |