Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PDTC323TK Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części PDTC323TK
Szczegółowy opis  NPN 500 mA, 15 V resistor-equipped transistor;l
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC323TK Arkusz danych(HTML) 3 Page - NXP Semiconductors

  PDTC323TK Datasheet HTML 1Page - NXP Semiconductors PDTC323TK Datasheet HTML 2Page - NXP Semiconductors PDTC323TK Datasheet HTML 3Page - NXP Semiconductors PDTC323TK Datasheet HTML 4Page - NXP Semiconductors PDTC323TK Datasheet HTML 5Page - NXP Semiconductors PDTC323TK Datasheet HTML 6Page - NXP Semiconductors PDTC323TK Datasheet HTML 7Page - NXP Semiconductors PDTC323TK Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
9397 750 14946
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 3 June 2005
3 of 8
Philips Semiconductors
PDTC323TK
NPN 500 mA resistor-equipped transistor; R1 = 2.2 k
Ω, R2 = open
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
7.
Characteristics
Table 6:
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
500
K/W
Table 7:
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB =30V; IE = 0 A
-
-
100
nA
ICEO
collector-emitter
cut-off current
VCE =15V; IB =0A
-
-
0.5
µA
IEBO
emitter-base cut-off
current
VEB =5V; IC = 0 A
-
-
100
nA
hFE
DC current gain
VCE =5V; IC = 50 mA
100
300
-
VCEsat
collector-emitter
saturation voltage
IC = 50 mA; IB = 2.5 mA
-
25
80
V
R1
bias resistor 1 (input)
1.54
2.2
2.86
k
Ω
Cc
collector capacitance
VCB =10V; IE =ie =0A;
f = 1 MHz
-7
-
pF



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com