| Zakładka z wyszukiwarką danych komponentów |
|
PCF8813U Arkusz danych(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8813U Arkusz danych(HTML) 13 Page - NXP Semiconductors |
|
13 / 72 page ![]() 2004 Mar 05 13 Philips Semiconductors Product specification (67 + 1) × 102 pixels matrix LCD driver PCF8813 7.11 Mirror X The MX bit allows horizontal mirroring. When MX = 1, the X address space is mirrored (see Fig.9). The addressX=0 is then located at the right side (column 101) of the display. When MX = 0, mirroring is disabled and the address X = 0 is located at the left side (column 0) of the display (see Fig.10). handbook, full pagewidth MGU626 0 10 8 0 101 X address Y address Fig.9 Display data RAM format addressing; MX = 1. handbook, full pagewidth MGU625 0 10 8 0 101 X address Y address Fig.10 Display data RAM format addressing; MX = 0. |