| Zakładka z wyszukiwarką danych komponentów |
|
AT89S4051 Arkusz danych(PDF) 2 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89S4051 Arkusz danych(HTML) 2 Page - ATMEL Corporation |
|
2 / 45 page ![]() 2 3390C–MICRO–7/05 AT89S2051/S4051 The on-board Flash program memory is accessible through the ISP serial interface. Holding RST active forces the device into a serial programming interface and allows the program mem- ory to be written to or read from, unless one or more lock bits have been activated. 2. Pin Configuration 2.1 20-lead PDIP/SOIC 3. Block Diagram 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 RST/VPP (RXD) P3.0 (TXD) P3.1 XTAL2 XTAL1 (INT0) P3.2 (INT1) P3.3 (T0) P3.4 (T1) P3.5 GND VCC P1.7 (SCK) P1.6 (MISO) P1.5 (MOSI) P1.4 P1.3 P1.2 P1.1 (AIN1) P1.0 (AIN0) P3.7 |