Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M28W640FSB Arkusz danych(PDF) 12 Page - STMicroelectronics

Numer części M28W640FSB
Szczegółowy opis  32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Boot Block, Secure Flash Memories
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FSB Arkusz danych(HTML) 12 Page - STMicroelectronics

Back Button M28W640FSB Datasheet HTML 8Page - STMicroelectronics M28W640FSB Datasheet HTML 9Page - STMicroelectronics M28W640FSB Datasheet HTML 10Page - STMicroelectronics M28W640FSB Datasheet HTML 11Page - STMicroelectronics M28W640FSB Datasheet HTML 12Page - STMicroelectronics M28W640FSB Datasheet HTML 13Page - STMicroelectronics M28W640FSB Datasheet HTML 14Page - STMicroelectronics M28W640FSB Datasheet HTML 15Page - STMicroelectronics M28W640FSB Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
M28W320FST, M28W320FSB, M28W640FST, M28W640FSB
12/55
HARDWARE PROTECTION
All devices feature hardware protection. Refer to
SIGNAL DESCRIPTIONS section for a detailed
description of these signals.
VPP ≤VPPLK. The VPP pin protects all the blocks.
Refer to SIGNAL DESCRIPTIONS section for a
detailed description of these signals.
SECURITY FEATURES
The M28W320FS and M28W640FS are equipped
with KRYPTO Security features performing soft-
ware protection. They allow any block to be pro-
tected from program/erase or read operations:
■
Modify Protection including Volatile Block
Lock/Unlock, Non-Volatile Block Modify
Protection, Non-Volatile Password Modify
Protection and Irreversible Protection.
■
Read Protection.
The KRYPTO features (Modify Protection mode,
Read Protection mode and Device Authentication
mechanism) are not described in this Datasheet.
For further details concerning these additional pro-
tection modes please contact ST Sales Offices.
The devices also feature a 64 bit Unique Device
Identifier and a 128 bit user-programmable OTP
segment (see Figure 7., Protection Register Mem-
ory Map and Protection Register Program Com-
mand).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55