| Zakładka z wyszukiwarką danych komponentów |
|
C4SMB-RGY Arkusz danych(PDF) 5 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C4SMB-RGY Arkusz danych(HTML) 5 Page - Cree, Inc |
|
5 / 10 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 5 Copyright © 2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 5 Cree 4-mm Oval LED C4SMB-RGY/GGY/BGY ORDER CODE TABLE* C4SMB-BGY Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Blue C4SMB-BGY-CS3U4351 934 2130 B3 460 B5 475 Bulk Blue C4SMB-BGY-CS44Q3C1 Any 4 consecutive sub-bins: S4(1017) - U1(1672) Any 1 color bin from B3 (460) to B5 (475) Bulk Blue C4SMB-BGY-CS44Q3S1 Any 4 consecutive sub-bins: S4(1017) - U1(1672) Any 1 color bin from B3 (460) to B4 (470) Bulk Blue C4SMB-BGY-CS44Q4S1 Any 4 consecutive sub-bins: S4(1017) - U1(1672) Any 1 color bin from B4 (465) to B5 (475) Bulk Blue C4SMB-BGY-CT24Q3C1 Any 4 consecutive sub-bins: T2(1205) - U3(1976) Any 1 color bin from B3 (460) to B5 (475) Bulk Blue C4SMB-BGY-CT24Q3S1 Any 4 consecutive sub-bins: T2(1205) - U3(1976) Any 1 color bin from B3 (460) to B4 (470) Bulk Blue C4SMB-BGY-CT24Q4S1 Any 4 consecutive sub-bins: T2(1205) - U3(1976) Any 1 color bin from B4 (465) to B5 (475) Bulk Blue C4SMB-BGY-CS3U4352 934 2130 B3 460 B5 475 Ammo Blue C4SMB-BGY-CS44Q3C2 Any 4 consecutive sub-bins: S4(1017) - U1(1672) Any 1 color bin from B3 (460) to B5 (475) Ammo Blue C4SMB-BGY-CS44Q3S2 Any 4 consecutive sub-bins: S4(1017) - U1(1672) Any 1 color bin from B3 (460) to B4 (470) Ammo Blue C4SMB-BGY-CS44Q4S2 Any 4 consecutive sub-bins: S4(1017) - U1(1672) Any 1 color bin from B4 (465) to B5 (475) Ammo Blue C4SMB-BGY-CT24Q3C2 Any 4 consecutive sub-bins: T2(1205) - U3(1976) Any 1 color bin from B3 (460) to B5 (475) Ammo Blue C4SMB-BGY-CT24Q3S2 Any 4 consecutive sub-bins: T2(1205) - U3(1976) Any 1 color bin from B3 (460) to B4 (470) Ammo Blue C4SMB-BGY-CT24Q4S2 Any 4 consecutive sub-bins: T2(1205) - U3(1976) Any 1 color bin from B4 (465) to B5 (475) Ammo Notes: 1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one intensity-sub-bin code and one color-bin code will be shipped on each reel. Selected single intensity-bin, single color-bin codes will be orderable in certain quantities. For example, any four consecutive sub-bins from X4 to Z1 mean only one intensity bin with four sub-bins of the following brightness ranges (X4-Y3, Y1-Y4, Y2-Z1) will be shipped by Cree. For example, any one-color bin from G7 to Ga means only one color bin (G7 or G23 or G8 or G45 or G9 or G67 or Ga) will be shipped by Cree. 2. Please refer to the “Cree LED Lamp Reliability Test Standards” document #1 for reliability test conditions. 3. Please refer to the “Cree LED Lamp Soldering & Handling” document #2 for information about how to use this LED product safely. #1: Refer to http://www.cree.com/led-components/media/documents/LED_Lamp_Reliability_Test_Standard.pdf #2: Refer to http://www.cree.com/led-components/media/documents/sh-HB.pdf |