| Zakładka z wyszukiwarką danych komponentów |
|
C4SMM-RJY-CS24QBB1 Arkusz danych(PDF) 1 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C4SMM-RJY-CS24QBB1 Arkusz danych(HTML) 1 Page - Cree, Inc |
|
1 / 9 page ![]() PRODUCT FAMILY DATA SHEET Cree® Screen Master® 4-mm Oval LED C4SMM-RJY/GJY/BJY Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. PRODUCT DESCRIPTION These oval LEDs are designed for full color video displays and signs for live action events and advertising signs. The oval-shaped radiation pattern and high luminous intensity ensure that these devices are excellent for wide-field-of -view outdoor applica- tions where a wide viewing angle and readability in sunlight are essential. These lamps are made with an ad- vanced optical-grade epoxy that offers superior high-temperature and high- moisture-resistance performance in outdoor signal and sign applications. The encapsulation resin contains anti- UV material in order to reduce the ef- fects of long-term exposure to direct sunlight. FEATURES • Size (mm): 4 • Color and Typical Dominant Wavelength: Red (621nm) Green(527nm) Blue(472nm) • Luminous Intensity (mcd) C4SMM-RJY: (715-1415)@15mA C4SMM-GJY: (1205-2347)@10mA C4SMM-BJY: (240-470)@10mA • Lead - Free • RoHS Compliant Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 www.cree.com/xlamp Copyright © 2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 APPLICATIONS • Electronic Signs & Signals (ESS) • Full Color video screen • Motorway Signs • Variable Message Sign (VMS) • Advertising signs • Petrol Signs |
Podobny numer części - C4SMM-RJY-CS24QBB1 |
|
Podobny opis - C4SMM-RJY-CS24QBB1 |