| Zakładka z wyszukiwarką danych komponentów |
|
C503T-RAS Arkusz danych(PDF) 8 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C503T-RAS Arkusz danych(HTML) 8 Page - Cree, Inc |
|
8 / 8 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 8 Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 8 Cree 5-mm Round LED C503T-RAS/RAN C503T-RCS/RCN/ACS PACKAGING Features: • The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags. • Cardboard boxes will be used to protect the LEDs from mechanical shock during transportation. • The boxes are not water resistant, and they must be kept away from water and moisture. • The Bulk Pack types of packaging. • Max 500 pcs per bulk and Max 2500 pcs per ammo. Bulk Pack Packaging Type: 20 bags/carton Label COLOR LED LAMP JOWAXXXXX -XX-XXX AXXXXXXXXXXX (anti-electrostatic bag) Hue TYPE QTY RANK LOT Iv xxx xxx Vf ( ) XX ( ) LXXXXXXXX-XXX PCS X ( ) XX R Ammo Pack Packaging Type: TYPE LXXXXXXXX-XXX PCS X QTY RANK LOT Iv JOWAXXXXX -XX-XXX XX AXXXXXXXXXXX XX Vf Hue ( ) ( ) ( ) xxx xxx COLOR LED LAMP ANODE |