| Zakładka z wyszukiwarką danych komponentów |
|
GPBA02A Arkusz danych(PDF) 17 Page - Generalplus Technology Inc. |
|
|
|||||||||||||||||||||||||||||
GPBA02A Arkusz danych(HTML) 17 Page - Generalplus Technology Inc. |
|
17 / 21 page ![]() GPBA02A © Generalplus Technology Inc. Proprietary & Confidential 17 JAN. 06, 2011 Version: 1.6 Register Speed up OR function: The content of ATTA/B/C, BUFA/B/C and DIRA/B/C can be speed up OR with any data by executing a special write instruction. According to the command data frame, when user writes data into register address of 2xH (B5-4 of command is 10), the writing data will be OR with the current data of this register and then be load in the exact register again. While executing OR instruction, the I/O extender reads the primary value of the register. This speed up OR operation only spends the host a write command cycle. It is a very useful function for I/Os’ real time control. Register Speed up XOR function: The content of ATTA/B/C, BUFA/B/C and DIRA/B/C can be speed up XOR with any data by executing a special write instruction. According to the command data frame, when user writes data into register address of 3xH (B5-4 of command is 11), the writing data will be XOR with the current data of this register and then be load in the exact register again. While executing XOR instruction, the I/O extender reads the primary value of the register. This speed up XOR operation only spends the host a write command cycle. It is a very useful function for I/Os’ real time control. Comparing traditional AND/OR/XOR operation with speed up AND/OR/XOR operation (Reference by 6502 assembler): Traditional Speed Up AND Operation Read a byte from I/O extender MCU internal “AND” Write a byte to I/O extender (Example: LDX #$01 JSR READ_SPI AND #$55 JSR WRITE_SPI ) Write a byte to “AND” address (Example: LDA #$55 LDX #$11 JSR WRITE_SPI ) OR Operation Read a byte from I/O extender MCU internal “OR” Write a byte to I/O extender (Example: LDX #$01 JSR READ_SPI OR #$55 JSR WRITE_SPI ) Write a byte to “OR” address (Example: LDA #$55 LDX #$21 JSR WRITE_SPI ) XOR Operation Read a byte from I/O extender MCU internal “XOR” Write a byte to I/O extender (Example: LDX #$01 JSR READ_SPI XOR #$55 JSR WRITE_SPI ) Write a byte to “XOR” address (Example: LDA #$55 LDX #$31 JSR WRITE_SPI ) Note: The sub routine READ_SPI and WRITE_SPI depends on the host structure, it takes at least 34 IO access cycles (enable*2+data_clock*8*2*2, no include data and flow control process) while using software to generate SPI waveform. |