Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VCT5N700 Arkusz danych(PDF) 1 Page - Vatronics Technologies Limited

Numer części VCT5N700
Szczegółowy opis  Ceramic Trimmer Capacitors 5mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VATRONICS [Vatronics Technologies Limited]
Strona internetowa  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

VCT5N700 Arkusz danych(HTML) 1 Page - Vatronics Technologies Limited

  VCT5N700 Datasheet HTML 1Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ceramic trimmer capacitors 5mm
¡¡
¡¡
Ceramic Trimmer Capacitors 5mm
¡¡
Featrure:
Lower capacitance drift after setting and stable frequency characteristics in
VHF.
Wide range of nominal capacitance: 3 to 70pF.
Linear "Capacitance vs. Temperature" and stable against secular changes.
Operating temperature range: -25¡æ
∼+85¡æ Rated working voltage: 100V
DC Dielectric withstanding voltage: 400V DC
Insulation Resistance: 10•M¦¸min. Rotation torque: 32~200g.cm
¡¡ ¡¡
Dimensions
mm
Tolerance: ¡À0.1
Vatronics How to order
VCT 5 N 030
1
2 3 4
1. VCT Stands for Ceramic Trimmer Capacitors
2.Outer diameter of ceramic dielectric
3. Type : N-Normal, V-Vertical, R-Rear
4. Maximum nonimal capacitance
¡¡
Specification
Part No.
Capacitance(pF)
Temperature
Coefficient(ppm/¡æ)
Q Factor
(1MHz,
Cmax)(Min.)
Marking
colr
Min.(+0%)
Max.
VCT5N030
1.3
3.0¡À50%
0
NP 0¡À120
300
VCT5N050
2.0
5.0¡À60%
0
N 470¡À60
300
VCT5N100
3.0
10.0¡À60%
0
N 470¡À60
300
VCT5N200
4.8
20.0¡À60%
0
N 1000¡À250
300
VCT5N300
5.5
30.0¡À60%
0
N 1500¡À250
300
VCT5N400
6.8
40.0¡À70%
0
N 2200¡À500
200
VCT5N500
9.0
50.0¡À70%
10
N 2200¡À500
200
VCT5N600
12.0
60.0¡À70%
10
N 2200¡À500
200
VCT5N700
14.0
70.0¡À70%
10
N 2200¡À500
200
¡¡
¡¡ ¡¡
¡¡
Vatronics Technologies Limited
http://www.vatronics.com sales@vatronics.com
file:///C|/index/ceramiccaps/trimmercap/VCT5.htm [2003-12-17 15:58:44]


Podobny numer części - VCT5N700

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hammond Manufacturing L...
VCT56 HAMMOND-VCT56 Datasheet
59Kb / 1P
Chemin de cables pour cables verticaux
VCT56 HAMMOND-VCT56 Datasheet
133Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Podobny opis - VCT5N700

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
Ceramic Trimmer Capacitors
logo
Suntan Capacitors
TSC5 SUNTAN-TSC5 Datasheet
109Kb / 1P
CERAMIC TRIMMER CAPACITOR - 5MM
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
Ceramic Trimmer Capacitors
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
Ceramic Trimmer Capacitors
TZB4Z250AB10R00 MURATA-TZB4Z250AB10R00 Datasheet
626Kb / 46P
Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
Ceramic Trimmer Capacitors
logo
Suntan Capacitors
TSC5 SUNTAN-TSC5_17 Datasheet
128Kb / 1P
CERAMIC TRIMMER CAPACITOR ??5MM
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com