| Zakładka z wyszukiwarką danych komponentów |
|
BTM41 Arkusz danych(PDF) 14 Page - BUDDIES TECHNOLOGY LIMITED. |
|
|
|||||||||||||||||||||||||||||
BTM41 Arkusz danych(HTML) 14 Page - BUDDIES TECHNOLOGY LIMITED. |
|
14 / 18 page ![]() http://www.buddies –tech.com BTM41 DATASHEET 14 5.6.3 SPI The synchronous serial port interface (SPI) can be used for system debugging. It can also be used for in-system programming for the flash memory within the module. SPI interface uses the SPI_MOSI, SPI_MISO, SPI_CSB and SPI_CLK pins. Testing points for the SPI interface are reserved on board in case that the firmware shall be updated during manufacture. The module operates as a slave and thus SPI_MISO is an output of the module. SPI_MISO is not in high-impedance state when SPI_CSB is pulled high. Instead, the module outputs 0 if the processor is running and 1 if it is stopped. Thus the module should NOT be connected in a multi-slave arrangement by simple parallel connection of slave SPI_MISO lines. Figure 6 |