| Zakładka z wyszukiwarką danych komponentów |
|
M52055FP Arkusz danych(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M52055FP Arkusz danych(HTML) 2 Page - Renesas Technology Corp |
|
2 / 14 page ![]() M52055P Rev.1.0, Sep.22.2003, page 2 of 13 Pin Configuration Absolute Maximum Rating (Unless otherwise noted, Ta = 25°C) Symbol Item Ratings Units Vcc Supply voltage 14 V Pd Power dissipation 1000 mW Topr Operating ambient temperature –20 to 75 °C Tstg Storing temperature –40 to 125 °C k θ Thermal derating 10 mW/°C Thermal Derating Curve |